Electronic Components Datasheet Search
  English  ▼

X  

GLBCP56 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GLBCP56
Description  N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GLBCP56 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GLBCP56 Datasheet HTML 1Page - E-Tech Electronics LTD GLBCP56 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLBCP56
1/2
ISSUED DATE :2002/11/20
REVISED DATE :2006/01/02D
G
G L
L B
B C
C P
P 5566
N
N P
P N
N S
S II LL II C
C O
O N
N E
E P
P II T
T A
A X
X II A
A LL T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GLBCP56 is designed for use in audio amplifiers and medium power amplifications.
Features
&Collector-Emitter Voltage: VCEO=80V
&Complementary to GLBCX53
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13°TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0°
10°
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
:
Storage Temperature Range
TsTG
-65 ~ +150
:
Collector to Base Voltage
VCBO
100
V
Collector to Emitter Voltage
VCEO
80
V
Emitter to Base Voltage
VEBO
5
V
Collect Current(DC)
IC
1
A
Total Power Dissipation
PD
1.5
W
Electrical Characteristics (Ta = 25 : )
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
100
-
-
V
IC=100uA, IE=0
BVCEO
80
-
-
V
IC=1mA, IB=0
BVEBO
5
-
-
V
IE=10uA, IC=0
ICBO
-
-
100
nA
VCB=30V, IE=0
IEBO
-
-
100
nA
VEB=5V, IC=0
*VCE(sat)1
-
-
500
mV
IC=500mA, IB=50mA
*VBE(on)
-
-
1000
mV
IC=500mA, VCE=2V,
*hFE1
63
-
-
VCE=2V, IC=5mA
*hFE2
63
-
250
VCE=2V, IC=150mA
*hFE3
40
-
-
VCE=2V, IC=500mA
fT
100
-
-
MHz
VCE=5V, IC=10mA
* Pulse Test: Pulse Width 380 s, Duty Cycle 2%
Classification Of hFE2
Rank
10
16
Range
63 - 160
100 - 250
SOT-223


Similar Part No. - GLBCP56

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GLBCP56 GTM-GLBCP56 Datasheet
151Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - GLBCP56

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GI1386 ETL-GI1386 Datasheet
215Kb / 2P
P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GI4672 ETL-GI4672 Datasheet
163Kb / 2P
N P N E P I T A X I A L S I L I C O N T R A N S I S T O R
GJ4672 ETL-GJ4672 Datasheet
162Kb / 2P
N P N E P I T A X I A L S I L I C O N T R A N S I S T O R
GL4672 ETL-GL4672 Datasheet
169Kb / 2P
N P N E P I T A X I A L S I L I C O N T R A N S I S T O R
GLBCX53 ETL-GLBCX53 Datasheet
215Kb / 2P
P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GM4672 ETL-GM4672 Datasheet
203Kb / 2P
N P N E P I T A X I A L S I L I C O N T R A N S I S T O R
GM5824 ETL-GM5824 Datasheet
442Kb / 2P
N P N S I L I C O N E P I TA X I A L P L A N A R T R A N S I S T O R
GMBCP56 ETL-GMBCP56 Datasheet
153Kb / 2P
N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GMBCX53 ETL-GMBCX53 Datasheet
215Kb / 2P
P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GSC4672 ETL-GSC4672 Datasheet
161Kb / 2P
N P N E P I T A X I A L S I L I C O N T R A N S I S T O R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com