Electronic Components Datasheet Search
  English  ▼

X  

GLBCX53 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GLBCX53
Description  P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GLBCX53 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GLBCX53 Datasheet HTML 1Page - E-Tech Electronics LTD GLBCX53 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLBCX53
1/2
ISSUED DATE :2005/08/18
REVISED DATE :2005/11/21B
G
G L
L B
B C
C X
X 5533
P
P N
N P
P S
S II LL II C
C O
O N
N E
E P
P II T
T A
A X
X II A
A LL T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GLBCX53 is designed for use in driver stages of audio amplifiers and medium power general purpose
amplification.
Features
&Collector-Emitter Voltage: VCEO=-80V
&Complementary to GLBCP56
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13°TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0°
10°
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
:
Storage Temperature Range
TsTG
-65 ~ +150
:
Collector to Base Voltage
VCBO
-100
V
Collector to Emitter Voltage
VCEO
-80
V
Emitter to Base Voltage
VEBO
-5
V
Collect Current(DC)
IC
1
A
Total Power Dissipation
PD
1.5
W
Electrical Characteristics (Ta = 25 : )
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-100
-
-
V
IC=-100uA, IE=0
BVCEO
-80
-
-
V
IC=-1mA, IB=0
BVEBO
-5
-
-
V
IE=-10uA, IC=0
ICBO
-
-
-100
nA
VCB=-30V, IE=0
IEBO
-
-
-100
nA
VEB=-5V, IC=0
*VCE(sat)1
-
-
-500
mV
IC=-500mA, IB=-50mA
*VBE(on)
-
-
-1000
mV
IC=-500mA, VCE=-2V,
*hFE1
63
-
-
VCE=-2V, IC=-5mA
*hFE2
63
-
250
VCE=-2V, IC=-150mA
*hFE3
40
-
-
VCE=-2V, IC=-500mA
fT
100
-
-
MHz
VCE=-5V, IC=-10mA, f=100MHz
* Pulse Test: Pulse Width 380 s, Duty Cycle 2%
Classification Of hFE2
Rank
A
B
Range
63 - 160
100 - 250
SOT-223


Similar Part No. - GLBCX53

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GLBCX53 GTM-GLBCX53 Datasheet
212Kb / 2P
PNP SILICON EPITAXIAL TRANSISTOR
More results

Similar Description - GLBCX53

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GI1182 ETL-GI1182 Datasheet
283Kb / 2P
P N P S I L I C O N E P I T A X I A L P L A N A R T R A N S I S T O R
GI1386 ETL-GI1386 Datasheet
215Kb / 2P
P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GJ1182 ETL-GJ1182 Datasheet
282Kb / 2P
P N P S I L I C O N E P I T A X I A L P L A N A R T R A N S I S T O R
GJ1386 ETL-GJ1386 Datasheet
161Kb / 2P
P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GLBCP56 ETL-GLBCP56 Datasheet
153Kb / 2P
N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GLBCP69 ETL-GLBCP69 Datasheet
248Kb / 2P
P N P S I L I C O N E P I T A X I A L T R A N S I S T O R
GM1188 ETL-GM1188 Datasheet
362Kb / 2P
P N P S I L I C O N E P I T A X I A L T R A N S I S T O R
GM5824 ETL-GM5824 Datasheet
442Kb / 2P
N P N S I L I C O N E P I TA X I A L P L A N A R T R A N S I S T O R
GMBCP56 ETL-GMBCP56 Datasheet
153Kb / 2P
N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GMBCX53 ETL-GMBCX53 Datasheet
215Kb / 2P
P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com