Electronic Components Datasheet Search
  English  ▼

X  

1P21 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # 1P21
Description  PHOTOMULTIPLIER TUBE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

1P21 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  1P21 Datasheet HTML 1Page - Hamamatsu Corporation 1P21 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL
FEATURES
Parameter
Description/Value
Unit
Spectral Response
Wavelength of Maximum Response
Photo-
cathode
Window Material
Dynode
Direct
Interelectrode
Capacitances
Base
Suitable Socket
nm
nm
—
mm
—
—
—
pF
pF
—
—
300 to 650
400
Sb-Cs
8
× 24
Borosilicate glass
Circular-cage
9
4
6
JEDEC No. B11-88
E678-11A
Material
Minimum Useful Size
Structure
Number of Stages
Anode to Last Dynode
Anode to All Other Electrodes
PHOTOMULTIPLIER TUBE
1P21
Information furnished by HA MAM ATS U is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein.
© 1999 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may var y. Please consult with our sales office.
Figure 1: Typical Spectral Response
TPMSB0139EA
28mm (1-1/8 Inch) Diameter Side-on
300 to 650nm Spectral Response
Low Dark Current Visible Range Photocathode
100
10
1
0.1
0.01
200
400
600
800
WAVELENGTH (nm)
CATHODE
RADIANT
SENSITIVITY
QUANTUM
EFFICIENCY


Similar Part No. - 1P21

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
1P200 L-COM-1P200 Datasheet
29Kb / 1P
7/16 DIN MALE CONNECTOR, PIM RATED FOR RG402
09/28/15
logo
List of Unclassifed Man...
1P20B ETC2-1P20B Datasheet
195Kb / 2P
Oscilloscope / Differential Probes
logo
Hamamatsu Corporation
1P28 HAMAMATSU-1P28 Datasheet
64Kb / 2P
PHOTOMULTIPLIER TUBE
logo
Texas Instruments
1P2GU04QDRYRQ1 TI1-1P2GU04QDRYRQ1 Datasheet
168Kb / 15P
SN74LVC2GU04-Q1 Dual Unbuffered Inverter
1P2GU04QDRYRQ1 TI2-1P2GU04QDRYRQ1 Datasheet
2Mb / 31P
SN74LVC2GU04Q1 Dual Unbuffered Inverter
REVISED OCTOBER 2025
More results

Similar Description - 1P21

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
PHOTOMULTIPLIER TUBE
R12199 HAMAMATSU-R12199_15 Datasheet
126Kb / 2P
PHOTOMULTIPLIER TUBE
R7154 HAMAMATSU-R7154_15 Datasheet
213Kb / 4P
PHOTOMULTIPLIER TUBE
R4124 HAMAMATSU-R4124_15 Datasheet
40Kb / 2P
PHOTOMULTIPLIER TUBE
R3998-02 HAMAMATSU-R3998-02_15 Datasheet
50Kb / 2P
PHOTOMULTIPLIER TUBE
R3896 HAMAMATSU-R3896_15 Datasheet
215Kb / 4P
PHOTOMULTIPLIER TUBE
R2496 HAMAMATSU-R2496_15 Datasheet
50Kb / 2P
PHOTOMULTIPLIER TUBE
R2257 HAMAMATSU-R2257_15 Datasheet
43Kb / 2P
PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_15 Datasheet
112Kb / 2P
PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com