Electronic Components Datasheet Search
  English  ▼

X  

1P28 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # 1P28
Description  PHOTOMULTIPLIER TUBE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

1P28 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  1P28 Datasheet HTML 1Page - Hamamatsu Corporation 1P28 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PHOTOMULTIPLIER TUBE 1P28
TPMSB0140EA
Figure 2: Typical Gain Characteristics
Figure 3: Dimensional Outline and Basing Diagram
(Unit: mm)
Socket (Option)
(E678-11A)
TPMSA0001EA
TACCA0064EA
CHARACTERISTICS (at 25
°C)
Parameter
Typ.
Min.
Max.
Unit
Anode
Sensitivity
Cathode
Sensitivity
Gain
Anode Dark Current (after 30 minute)
Time
Response
A/lm
A/W
µA/lm
mA/W
%
—
nA
ns
ns
400
4.8
× 105
40
48
21
1.0
× 107
5
2.2
22
20
—
25
—
—
—
—
—
—
—
—
—
—
—
—
50
—
—
Luminous (2856K)
Radiant at 400nm
Luminous (2856K)
Radiant at 400nm
Quantum Efficiency at 340nm
Anode Pulse Rise Time
Electron Transit Time
MAXIMUM RATINGS (Absolute Maximum Values)
Parameter
Value
Unit
Supply
Voltage
Average Anode Current
Ambient Temperature
1250
250
0.1
-80 to +50
Vdc
Vdc
mA
°C
Between Anode
and Cathode
Between Anode
and Last Dynode
Supply Voltage: 1000Vdc, K: Cathode, Dy: Dynode, P: Anode
VOLTAGE DISTRIBUTION RATIO AND SUPPLY VOLTAGE
Electrodes
Ratio
K
Dy1
1
Dy2
1
Dy3
1
Dy4
1
Dy5
1
Dy6
1
Dy7
1
Dy8
1
Dy9
1
P
1
1
2
4
3
5
7
6
8
9
10
K
DY1
DY2
DY3
DY4
DY5
DY6
DY7
DY8
DY9
P
DIRECTION OF LIGHT
28.5
± 1.5
8MIN.
PHOTOCATHODE
11
32.2
± 0.5
11 PIN BASE
JEDEC No. B11-88
5
49
38
29
TPMS1062E01
FEB. 1999
HAMAMATSU PHOTONICS K.K., Electron Tube Center
314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: Lough Point, 2 Gladbeck Way, Windmill Hill, Enfield, Middlesex EN2 7JA, United Kingdom, Telephone: (44)181-367-3560, Fax: (44)181-367-6384
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 SOLNA, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01
Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741
108
107
106
105
104
103
102
250 300
500
700
1000
1500
2000
SUPPLY VOLTAGE (V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com