Electronic Components Datasheet Search
  English  ▼

X  

GL195 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GL195
Description  P N P S I L I CO N P L A N A R ME D I UM POWE R T R A N S I S T O R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GL195 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GL195 Datasheet HTML 1Page - E-Tech Electronics LTD GL195 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
GL195
Page: 1/2
ISSUED DATE :2005/10/06
REVISED DATE :
GL195
P N P S I L I C O N P L A N A R M E D I U M P O W E R T R A N S I S T O R
Description
The GL195 is designed for medium power amplifier applications.
Features
&-60 Volt VCEO
&1 Amp continuous current
&Complementary to GL194
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13°TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0°
10°
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
:
Storage Temperature
Tstg
-55~+150
:
Collector to Base Voltage
VCBO
-80
V
Collector to Emitter Voltage
VCEO
-60
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current (DC)
IC
-1
A
Collector Current (Pulse)
IC
-2
A
Base Current
IB
-200
mA
Total Power Dissipation
PD
2
W
Electrical Characteristics (Ta = 25 : , unless otherwise stated)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-80
-
-
V
IC=-100uA , IE=0
*BVCEO
-60
-
-
V
IC=-10mA, IB=0
BVEBO
-5
-
-
V
IE=-100uA ,IC=0
ICBO
-
-
-100
nA
VCB=-60V, IE=0
ICES
-
-
-100
nA
VCES=-60V
IEBO
-
-
-100
nA
VEB=-4V, IC=0
*VCE(sat)1
-
-
-0.3
V
IC=-500mA, IB=-50mA
*VCE(sat)2
-
-
-0.6
V
IC=-1A, IB=-100mA
*VBE(sat)
-
-
-1.2
V
IC=-1A, IB=-100mA
*VBE(on)
-
-
-1.0
V
VCE=-5V, IC=-1A
*hFE1
100
-
VCE=-5V, IC=-1mA
*hFE2
100
-
300
VCE=-5V, IC=-500mA
*hFE3
80
-
VCE=-5V, IC=-1A
*hFE4
15
-
VCE=-5V, IC=-2A
fT
150
-
-
MHz
VCE=-10V, IC=-50mA, f=100MHz
Cob
-
-
10
pF
VCB=-10V, IE=0, f=1MHz
*Measured under pulse condition. Pulse width=300 s, Duty Cycle 2%
SOT-223


Similar Part No. - GL195

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GL195 GTM-GL195 Datasheet
327Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
GL195A GTM-GL195A Datasheet
387Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
E-Tech Electronics LTD
GL195A ETL-GL195A Datasheet
390Kb / 2P
P N P S I L I CO N P L A N A R M E D I UM POWE R T R A N S I S T O R
More results

Similar Description - GL195

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GL194 ETL-GL194 Datasheet
305Kb / 2P
N P N S I L I CO N P L A N A R ME D I UM POWE R T R A N S I S T O R
GL194A ETL-GL194A Datasheet
321Kb / 2P
N P N S I L I CO N P L A N A R M E D I UM POWE R T R A N S I S T O R
GM194 ETL-GM194 Datasheet
332Kb / 2P
N P N S I L I CO N P L A N A R M E D I UM POWE R T R A N S I S T O R
GM194A ETL-GM194A Datasheet
346Kb / 2P
N P N S I L I C O N P L AN A R M E D I UM POWE R T R A N S I S T O R
GM195 ETL-GM195 Datasheet
359Kb / 2P
P N P S I L I CO N P L A N A R M E D I UM POWE R T R A N S I S T O R
GM195A ETL-GM195A Datasheet
415Kb / 2P
P N P S I L I C O N P L A N A R M E D I UM POWE R T R A N S I S T O R
GM1300 ETL-GM1300 Datasheet
179Kb / 2P
P N P S I L I CO N E P I TAX I A L T R A N S I S T O R
GL195A ETL-GL195A Datasheet
390Kb / 2P
P N P S I L I CO N P L A N A R M E D I UM POWE R T R A N S I S T O R
GMBT194 ETL-GMBT194 Datasheet
336Kb / 2P
N P N S I L I CO N P L A N A R M E D I UM POWE R T R A N S I S T O R
GMBT195 ETL-GMBT195 Datasheet
363Kb / 2P
P N P S I L I CO N P L A N A R M E D I UM POWE R T R A N S I S T O R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com