Electronic Components Datasheet Search
  English  ▼

X  

CDSP400 Datasheet(PDF) 1 Page - Comchip Technology

Part # CDSP400
Description  SMD Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDSP400 Datasheet(HTML) 1 Page - Comchip Technology

  CDSP400 Datasheet HTML 1Page - Comchip Technology CDSP400 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDSP400
RoHS Device
SMD Switching Diode
QW-B0023
Page 1
REV:A
Symbol
Parameter
Value
Unit
Maximum Ratings (at Ta=25°C unless otherwise noted)
Peak reverse voltage
225
Features
-Small surface mounting type.
-High speed.
-High reliability with high surge current handling
capability.
Mechanical Data
-Case: Molded plastic SOD-723
-Terminals: Solderable per MIL-STD-750, Method
2026.1.
-Polarity: Indicated by cathode band.
-Mounting position: Any.
-Marking: 7
Dimensions in inches and (millimeter)
SOD-723
Peak forward current
Mean rectifying current
VRM
80
90
100
V
V
mA
mA
DC reverse voltage
VR
IFM
IO
Surge current
Tp=1S
Junction Temperature
Junction Temperature
Isurge
TJ
TSTG
125
500
-55 to +125
mA
OC
OC
Symbol
Parameter
Max.
Unit
Electrical Ratings (at Ta=25°C unless otherwise noted)
Forward voltage
3.0
Capacitance between terminals
Reverse recovery time
VF
0.1
1.2
4.0
V
μA
pF
nS
Reverse current
IR
CT
trr
Conditions
IF=100mA
VR=0.5V, f=1MHz
VR=6V, IF=10mA, RL=100Ω
VR=80V
Min.
0.043(1.100)
0.035(0.900)
0.008(0.200) REF.
0.059(1.500)
0.051(1.300)
0.023(0.580)
0.020(0.515)
0.026(0.650)
0.021(0.525)


Similar Part No. - CDSP400

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSP400 COMCHIP-CDSP400 Datasheet
70Kb / 2P
SMD Switching Diode
CDSP400-G COMCHIP-CDSP400-G Datasheet
52Kb / 2P
SMD Switching Diode
CDSP400-HF COMCHIP-CDSP400-HF Datasheet
481Kb / 4P
SMD Switching Diodes
REV:A
CDSP400 COMCHIP-CDSP400_12 Datasheet
70Kb / 2P
SMD Switching Diode
CDSP400 COMCHIP-CDSP400_15 Datasheet
70Kb / 2P
SMD Switching Diode
More results

Similar Description - CDSP400

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ASS355 ANACHIP-ASS355 Datasheet
96Kb / 3P
SMD Switching Diode
Rev. 0.0 Oct 29, 2003
logo
Comchip Technology
CDSU400B COMCHIP-CDSU400B Datasheet
150Kb / 2P
SMD Switching Diode
CDSFR101A COMCHIP-CDSFR101A Datasheet
75Kb / 2P
SMD Switching Diode
CDSFR355B COMCHIP-CDSFR355B Datasheet
76Kb / 2P
SMD Switching Diode
CDSFR4448 COMCHIP-CDSFR4448 Datasheet
73Kb / 2P
SMD Switching Diode
CDST4448-G COMCHIP-CDST4448-G Datasheet
76Kb / 2P
SMD Switching Diode
CDSUR400B COMCHIP-CDSUR400B Datasheet
76Kb / 2P
SMD Switching Diode
CDSF4148S-HF COMCHIP-CDSF4148S-HF Datasheet
130Kb / 4P
SMD Switching Diode
CDSQR4148S-HF COMCHIP-CDSQR4148S-HF Datasheet
125Kb / 4P
SMD Switching Diode
CDST-4448-G COMCHIP-CDST-4448-G Datasheet
385Kb / 4P
SMD Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com