Electronic Components Datasheet Search
  English  ▼

X  

GL359 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GL359
Description  P N P S I L I CO N P L A N A R H I G H C U R R E N T T R A N S I S T O R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GL359 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GL359 Datasheet HTML 1Page - E-Tech Electronics LTD GL359 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
GL359
Page: 1/2
ISSUED DATE :2005/10/27
REVISED DATE :2005/12/09B
GL359
P N P S I L I C O N P L A N A R H I G H C U R R E N T T R A N S I S T O R
Description
The GL359 is designed for general purpose switching and amplifier applications.
Features
&5 Amps continuous current, up to 10Amps peak current
&Excellent gain characteristic specified up to 10Amps
&Very low saturation voltages
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13°TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0°
10°
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55~+150
Collector to Base Voltage
VCBO
-140
V
Collector to Emitter Voltage
VCEO
-100
V
Emitter to Base Voltage
VEBO
-6
V
Collector Current (DC)
IC
-5
A
Collector Current (Pulse)
IC
-10
A
Total Power Dissipation
PD
3
W
*The power which can be dissipated assuming the device is mounted in a typical manner on a P.C.B. with copper equal to 4
square inch minimum.
Electrical Characteristics(Ta = 25 : ,unless otherwise stated)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-140
-
-
V
IC=-100uA , IE=0
*BVCEO
-100
-
-
V
IC=-10mA, IB=0
BVEBO
-6
-
-
V
IE=-100uA ,IC=0
ICBO
-
-
-50
nA
VCB=-100V, IE=0
ICES
-
-
-50
nA
VCES=-100V
IEBO
-
-
-10
nA
VEB=-6V, IC=0
*VCE(sat)1
-
-20
-50
mV
IC=-100mA, IB=-10mA
*VCE(sat)2
-
-90
-115
mV
IC=-1A, IB=-100mA
*VCE(sat)3
-
-160
-220
mV
IC=-2A, IB=-200mA
*VCE(sat)4
-
-300
-420
mV
IC=-4A, IB=-400mA
*VBE(sat)
-
-1.01
-1.17
V
IC=-4A, IB=-400mA
*VBE(on)
-
-0.925
-1.16
V
VCE=-1V, IC=-4A
*hFE1
100
200
VCE=-1V, IC=-10mA
*hFE2
100
200
300
VCE=-1V, IC=-1A
*hFE3
50
90
VCE=-1V, IC=-3A
*hFE4
30
50
VCE=-1V, IC=-4A
*hFE5
-
15
VCE=-1V, IC=-10A
fT
-
125
-
MHz
VCE=-10V, IC=-100mA, f=50MHz
SOT-223


Similar Part No. - GL359

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GL359 GTM-GL359 Datasheet
330Kb / 2P
PNP SILICON PLANAR HIGH CURRENT TRANSISTOR
logo
GENESYS LOGIC
GL3590 GENESYS-GL3590 Datasheet
1Mb / 47P
USB 3.1 Gen 2 Hub Controller
Revision 1 7 0 May 08 , 20 20
GL3590-OTY10 GENESYS-GL3590-OTY10 Datasheet
1Mb / 47P
USB 3.1 Gen 2 Hub Controller
Revision 1 7 0 May 08 , 20 20
GL3590-OV1S1 GENESYS-GL3590-OV1S1 Datasheet
1Mb / 47P
USB 3.1 Gen 2 Hub Controller
Revision 1 7 0 May 08 , 20 20
GL3590-OV3S1 GENESYS-GL3590-OV3S1 Datasheet
1Mb / 47P
USB 3.1 Gen 2 Hub Controller
Revision 1 7 0 May 08 , 20 20
More results

Similar Description - GL359

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GI1182 ETL-GI1182 Datasheet
283Kb / 2P
P N P S I L I C O N E P I T A X I A L P L A N A R T R A N S I S T O R
GISD1803 ETL-GISD1803 Datasheet
276Kb / 3P
N P N E P I T A X I A L P L A N A R S I L I C O N T R A N S I S T O R
GJ1182 ETL-GJ1182 Datasheet
282Kb / 2P
P N P S I L I C O N E P I T A X I A L P L A N A R T R A N S I S T O R
GL156 ETL-GL156 Datasheet
296Kb / 2P
N P N S I L I CO N P L A N A R H I G H P E R F O RM A N C E T R A N S I S T O R
GL157 ETL-GL157 Datasheet
312Kb / 2P
P N P S I L I CO N P L A N A R H I G H P E R F O RM A N C E T R A N S I S T O R
GL158 ETL-GL158 Datasheet
297Kb / 2P
N P N S I L I CO N P L A N A R H I G H C U R R E N T T R A N S I S T O R
GL159 ETL-GL159 Datasheet
329Kb / 2P
P N P S I L I CO N P L A N A R H I G H C U R R E N T T R A N S I S T O R
GM156 ETL-GM156 Datasheet
267Kb / 2P
N P N S I L I CO N P L A N A R H I G H P E R F O RM A N C E T R A N S I S T O R
GM157 ETL-GM157 Datasheet
356Kb / 2P
P N P S I L I CO N P L A N A R H I G H P E R F O RM A N C E T R A N S I S T O R
GL358 ETL-GL358 Datasheet
298Kb / 2P
N P N S I L I CO N P L A N A R H I G H C U R R E N T T R A N S I S T O R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com