Electronic Components Datasheet Search
  English  ▼

X  

C3704 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C3704
Description  UV TRON DRIVING CIRCUIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C3704 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C3704 Datasheet HTML 1Page - Hamamatsu Corporation C3704 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UV TRON® DRIVING CIRCUIT C3704 SERIES
Figure 2: Schematic Diagram
HAMAMATSU PHOTONICS K.K., Electron Tube Center
314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205, Telex: 4225-186HAMAHQ
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: Lough Point, 2 Gladbeck Way, Windmill Hill, Enfield, Middlesex EN2 7JA, United Kingdom, Telephone: (44)181-367-3560, Fax: (44)181-367-6384
North Europe: Hamamatsu Photonics Norden AB: Färögatan 7, S-164-40 Kista, Sweden, Telephone: (46)8-703-29-50, Fax: (46)8-750-58-95
Italy: Hamamatsu Photonics Italia S.R.L.: Via Della Moia, 1/E 20020 Arese, (Milano), Italy, Telephone: (39)2-935 81 733, Fax: (39)2-935 81 741
(Note 3)
POWER SUPPLY INPUT AND SIGNAL OUTPUT POINT
– : GND
+ : POWER SUPPLY INPUT
1 : SIGNAL OUTPUT Q
2 : SIGNAL OUTPUT Q
3 : OPEN COLLECTOR OUTPUT
PRECAUTIONS FOR USE
q
Since the operation impedance is extremely high, the UV TRON should be connected as close as possible to the circuit
board within 5 cm.
q
Take care to avoid external noise since a C-MOS IC is used in the circuit. It is recommended that the whole PC board be put
in the shield box when it is used.
q
To reduce current consumption, oscillating frequency is very low (approx. 20 Hz) in this DC-DC converter. Thus, the output
impedance of the high voltage power supply is extremely high. If the surrounding humidity is high, electrical leakage on the
PC board surface may lead to a drop in the supply voltage to the UV TRON. This voltage drop may result in lowered detec-
tion performance, so a moistureproof material (silicone compound, etc.) should be applied at the connecting point of the
UV TRON, etc., if using the unit in a humid environment.
q
A model equipped with a flame sensor (R2868) is also available.
Figure 3: Method of Connection
TPT C0004EA
Note 3: No load can be driven by an output from points “1” and “2” because these signals are
output from the only C-MOS IC directly. When a load such as a buzzer and a relay is
connected to this circuit, it should be connected to the point open collector output. The
transistor ratings of the open collector is 50V, 100mA. Be careful not to exceed the ratings.
Note 4: The output pulse width is set to 10ms at shipping. If the pulse width needs to be
extended, add a capacitor to this point. (When using an electrolytic condenser, make
sure the polarity is correct.)
e.g. CX = 1
µF: Pulse Width
1s, CX=10
µF : Pulse Width
10s
Cx : POINT FOR ADDING A CAPACITOR TO
EXTEND OUTPUT PULSE WIDTH
(Note 4)
CONNECTING POINT OF UV TRON
A : Connecting Anode of UV TRON
K : Connecting Cathode of UV TRON
v
JUMPER LEAD FOR SETTING
BACKGROUND CANCEL LEVEL
This background cancel circuit outputs signal pulses
of 10ms width only when 3 to 9 pulses enter the
circuit with a time interval of 2 seconds or less from
the UV TRON. Cancel level can be set in 4 steps
(number of pulses: 3, 5, 7, 9) by this jumper lead.
Connect to “3” for general use. When using where
much natural excitation light is present, set the
cancel level at a higher step (5, 7, 9).
TPT1007E01
JUL.1997 CR
Created in Japan
UV TRON
(SOLD SEPARATELY)
K
A
CATHODE
ANODE
POWER SUPPLY
+
–
GND
CONSTANT *
VOLTAGE
CIRCUIT
HIGH VOLTAGE
DC-DC
CONVERTER
JUMPER LEAD FOR SETTING
BACKGROUND CANCEL LEVEL
* Not included in C3704-02.
OPEN COLLECTOR
OUTPUT (3)
Q (1)
Q (2)
10 ms
(Note 4)
GND
GND
5V
5V
Q
Q
OUTPUT SIGNAL
WAVEFORM
7
SIGNAL
PROCESSING
CIRCUIT
3
9
5
+350Vdc
Tr : 50 100mA
•
+5Vdc



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com