Electronic Components Datasheet Search
  English  ▼

X  

C3866 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C3866
Description  COMPACT BENCH-TOP TYPE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C3866 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C3866 Datasheet HTML 1Page - Hamamatsu Corporation C3866 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TPHO1017E01
AUG. 2001 IP
(1000)
C3866
C3866
C6465
Power Supply Cable (Supplied)
Power Supply Cable (Supplied)
TPHOC0006EA
C6465
TPHOC0034EA
TPHOA0002EA
TPHOA0022EA
TPHOA0015EB
TPHOA0016EA
HAMAMATSU PHOTONICS K.K., Electron Tube Center
314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 E-mail: info@hamamatsu.de
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 E-mail: infos@hamamatsu.fr
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road Welwyn Garden City Hertfordshire AL7 1BW, United Kingdom, Telephone: 44-(0)1707-294888, Fax: 44(0)1707-325777 E-mail: info@hamamatsu.co.uk
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 SOLNA, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01 E-mail: info@hamamatsu.se
Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741 E-mail: info@hamamatsu.it
HOMEPAGE URL http://www.hamamatsu.com
BLOCK DIAGRAM
DIMENSIONAL OUTLINE (Unit: mm)
HAMAMATSU
PHOTON COUNTING UNIT C3866
32
170
1000
Wire
Color
White
Shield
Shield
Red
-5 V
GND
GND
+5 V
1
2
3
4
Connector
Pin No.
Connection
1
2
4
3
SHIELDED CABLE
HIROSE SR30-10PQ-4P
THREADED HOLES FOR INSTALLATION 2-M3
ALUMINUM HOUSING
DISCRI ADJ
SIG IN
105.0
DIN TYPE
(6 PIN)
±5 V
BNC-R
SIG OUT
BNC-R
MONITOR
SHIELDED CABLE
WITH 6-CONDUCTIVE WIRES
6-PIN DIN CONNECTOR
1500
6
4
5
3
2
1
*
Wire
Color
Red
White
Yellow
Blue
Green
Black
Shield
+5 V
-5 V
GND
NC
NC
NC
GND
1
2
3
4
5
6
*
Connector
Pin No.
Connection
PMT INPUT
OUTPUT
DISCRIMINATION
LEVEL MONITOR
PULSE
AMPLIFIER COMPARATOR
PULSE
SHAPER
MULTIPLEXER
PRESCALER
LLD ADJUST
÷1/÷10 SELECT
+5 V
PMT OUTPUT
TTL OUTPUT
DISCRIMINATION
LEVEL MONITOR
PULSE
AMPLIFIER COMPARATOR
PULSE
SHAPER
LLD ADJUST
+2.5 V
#Windows is resisterd trademark of Microsoft Corporation in the U.S.A.
#IBM-PC/AT is a registerd trademark of IBM Co.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com