Electronic Components Datasheet Search
  English  ▼

X  

C4674 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C4674
Description  Signal processing circuit for 2-D PSD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C4674 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C4674 Datasheet HTML 1Page - Hamamatsu Corporation C4674 Datasheet HTML 2Page - Hamamatsu Corporation C4674 Datasheet HTML 3Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Signal processing circuit for 2-D PSD
C4674, C4757, C4758, C7563
The followings are obtained with the conditions listed
on the left.
Output voltage amplitude
VFS (X)=±6 V
VFS (Y)=±6 V
Position resolution
∆x=0.1 µm approx.
(calculated values)
∆y=0.1 µm approx.
s Absolute maximum ratings
DC circuit
AC circuit
Parameter
Symbol
C4674
C4757
C4758
C7563
Unit
Supply voltage
Vcc Max.
±18
V
Input current
IIN Max.
Vcc Max. × 10
-5
A
Output short-circuit time
-
Continuous
s
Signal
processor
Operating temperature
Topr
0 to +50
°C
Transistor collector-emitter voltage
VCE
--
-
+50
V
Tr a n sist or coll ector curr ent *3
IC
-
-
-
2
A
LED driver
Tr a n sist or coll ector dissi patio n *3
Pc
-
-
-
900
mW
s Specifications (Ta=25
°C, Vcc=±15 V)
Typical value
DC circuit
AC circuit
Parameter
Sy m bol
Condition
C4674
C4757
C4758
C7563
Unit
Head-amp conversion impedance *4
Rf
Factory setup prior to shipping
1 × 10
5
V/A
Feedback capacitance
Cf
Factory setup prior to shipping
100
22
pF
Input signal current *
5
IIN
Photocurrent with PSD
installed
1 × 10
-5 to 1 × 10-4
A
Rise time
tr
O ut p ut res p o n s e ti m e
vers us m ov e m e nt of lig ht
spot positio n, m e a sur e d
with P S D in stalle d.
30
µs
PSD reverse bias voltage
VR
-+5V
Output offset voltage
VOS
*
7
-10 to +10
mV
O utput v oltage a m plitude *6
Vo
With PSD installed and
light spot falling on edge
of active area.
-10 to +10
V
O ut p ut n ois e (a n alo g divi der)
Vn
All range *7
5
10
mVp-p
Signal
processor
Current consumption
Icc
*
7
±15±60
mA
Tr a n sistor c ollector curre nt
Ic
*
3
-
-
-
680
mAp-p
Repetition frequency
fT
*
8
-
-
-
333
Hz
LED
driver
Output type
-
-
-
-
-
Open
collector
-
*3: Duty ratio: 3/100, pulse width: 90 µs, LED: Hamamatsu L1915-01 (sold separately)
*4: These resistors are lead types and inserted into sockets, so it can be easily to exchange by the user if necessary in a range
between 1 × 10
4 to 1 × 106
Ω. For more details, see the instruction manual that comes with the product.
*5: The circuit does not operate correctly when input signal level is not appropriate.
*6: Maximum output amplitude can be adjusted in a range of ±2 to ±10 V according to PSD type to be used.
*7: Measured without PSD and with LED turned off, while using a current source of 20 µA (X1=X2=Y1=Y2) substituting for PSD
photocurrent. In the case of C7563, however, pulse current with a duty ratio of 3/100 and a pulse width of 90 µs is supplied.
*8: Repetition frequency 333 Hz (duty ratio: 3/100, pulse width: 90 µs) cannot be modulated.
Constant voltage power supply: ±15 V, Power capacity: 0.1 A Min.
Ripple voltage: 3 mVp-p Max.
SIGNAL
PROCESSING CIRCUIT
C4674
2-D
PSD
REGULATED
POWER
SUPPLY *
VOLTMETER
VOLTMETER
+15 V
0 V
-15 V
+V
GND
-V
Xout
+
GND
-
Yout
+
GND
-
Y2
X2
VR
Y1
X1
3
5
4
1
2
s Operating example (C4674)
2
KPSDC0034ED
Condition
1. Light source
LED (
λ=900 nm)
2. Light spot diameter
φ200 µm
3. PSD used
S1880 (12 × 12 mm)
4. PSD photocurrent
10 µA
5. Signal processing circuit
C4674
6. Frequency bandwidth
10 Hz
7. Voltmeter
KEITHLEY model 195 A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com