Electronic Components Datasheet Search
  English  ▼

X  

C4777 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C4777
Description  APD module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C4777 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C4777 Datasheet HTML 1Page - Hamamatsu Corporation C4777 Datasheet HTML 2Page - Hamamatsu Corporation C4777 Datasheet HTML 3Page - Hamamatsu Corporation C4777 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APD module
C4777 series
I Absolute maximum ratings
Parameter
Symbol
Condition
Value
Unit
Positive supply voltage
-
+7
V
Positive supply voltage
-
+16
V
Negative supply voltage
-
-16
V
Input power
-
10
mW
Operating temperature
Topr
10 to 40
°C
Storage temperature
Tstg
-10 to +60
°C
Operating/storage humidity
-
No condensation
70 % RH below
-
I Specification (Typ. Ta=25 °C, Vcc=+5 V, +15 V, unless otherwise noted)
G Photoelectric section (APD)
Parameter
Symbol
Condition
C4777
C4777-01
Unit
Active area
A
f0.5
f3.0
mm
Peak sensitivity wavelength
lp
800
nm
Spectral response range
l
400 to 1000
nm
Photo sensitivity
S
l=800 nm, M=1
0.5
A/W
Gain
M
l=800 nm
100
50
times
Thermoelectric cooler
-
One-stage
Two-stage
-
Cooling temperature
-
0
°C
Temperature stability of gain
-
Ta=10 to 40 °C
±3
%
G Signal amplification section
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
High band
95
100
-
MHz
Cut-off frequency
Low band
fc
-3 dB
-10
15
kHz
Noise equivalent power
NEP
l=800 nm
-
80
120
fW/Hz1/2
Feedback resistance
Rf
-
10
-
k9
Photoelectric sensitivity
-
APD include, M=100
l=800 nm
-2.0
-2.5
-3.0
× 10# V/W
Output impedance
-
-
50
-
9
Maximum input light level
-
0.6
0.8
-
µW
Minimum detection limit
-
-
0.8
1.2
nWr.m.s.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
High band
4
5
-
kHz
Cut-off frequency
Low band
fc
-3 dB
-DC-
-
Noise equivalent power
NEP
l=800 nm
-
2
4
fW/Hz1/2
Feedback resistance
Rf
-
50
-
M9
Photoelectric sensitivity
-
APD include, M=50
l=800 nm
-1.0
-1.25
-1.5
× 10' V/W
Maximum input light level
-
8.8
9.6
-
nW
Minimum detection limit
-
-
0.2
0.4
pWr.m.s.
C4777
C4777-01
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com