Electronic Components Datasheet Search
  English  ▼

X  

C4877 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C4877
Description  High Performance Thermoelectric Coolers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C4877 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C4877 Datasheet HTML 1Page - Hamamatsu Corporation C4877 Datasheet HTML 2Page - Hamamatsu Corporation C4877 Datasheet HTML 3Page - Hamamatsu Corporation C4877 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Performance Thermoelectric Coolers C4877, C4878 Series
Specifications
[Cooled PMT Housing]
[Power Supply]
[Components and Accessories]
GCooled PMT Housing (Including an input window) GPower Supply GLight Shield Cap
GSpare Fuse
GWater Hose Clamps
GConnection Cable (1.5 m) GAC Line Cable (2 m)
Features
G Thermoelectric cooling using Peltier elements
G About -30 °C cooling temperature (with +20 °C cooling water)
G Evacuated, double-pane window with heater for frost prevention
G Built-in electrostatic and magnetic shielding (C4877 Series)
G Water shut-off protection to guard the Peltier elements
G Stable operation due to a regulated power supply
102
The C4877 series and C4878 series are thermoelectric coolers constructed
with enhanced electrostatic and magnetic shielding (C4877 Series). This
minimizes the influence of external noise on the photomultiplier tube and
thus significantly improves photometric accuracy. These coolers offer user-
friendly functions such as easy temperature control and pilot lamp blank-
ing. The C4877 series is designed for use with 51 mm (2") or 38 mm
(1-1/2") diameter head-on photomultiplier tubes, and the C4878 series for
TACCF0161
Cooling
Heat Exchange Medium
Amount of Cooling Water
Cooling Temperature (with cooling water at +20
°C)
Temperature Controllable Range (with cooling water at +20
°C)
Cooling Time
Optical Window Material
Applicable PMTs (Optional)
Applicable Socket Assembly
or PMT Holder (Optional)
Weight
C4877 Series
C4878 Series
C4877 Series
C4878 Series
Parameter
Value/Description
Thermoelectric cooling using Peltier elements
Water
1 L/min to 3 L/min
Approx. -30
°C
-30
°C to 0 °C (continuously adjustable)
Approx. 120 min
Evacuated double-pane fused silica window with heater
28 mm (1-1/8") Dia. and 38 mm (1-1/2") Dia. and 51 mm (2") Dia. Head-on
MCP-PMT (R3809U-50 Series)
E2762 Series A
E3059-500 (R3809U-50 Series)
5.8 kg
NOTE: A
Left: C4877 Power Supply
Right: C4877 Cooled PMT Housing
Input Voltage (AC)
Power Consumption
Output Voltage
Output Current
Protection Circuit
Weight
C4877, C4878
C4877-01, C4878-01
C4877-02, C4878-02
Parameter
Value/Description
100 V
± 10 V (50 Hz/60 Hz)
120 V
± 12 V (50 Hz/60 Hz)
230 V
± 23 V (50 Hz/60 Hz)
270 V·A
28 V
4.3 A
Functions against cooling water suspension and over current/short circuit
8.5 kg
E2762 Series
E2762-502
E2762-506
E2762-509
E2762-510
E2762-511
E2762-513
R1767
R943-02, R3310-02
R464, R585, R649
R329, R331
R316-02, R374, R2228, R5929, R6249
R375, R669
PMT
All 6 models E2762 series listed here are
SHV high voltage input and BNC current output type.
To operate C4877 and C4878, water hoses with an inner diameter of 15 mm are required.
Thermoelectric Coolers


Similar Part No. - C4877

ManufacturerPart #DatasheetDescription
logo
Cinch Connectivity Solu...
C48 CINCH-C48 Datasheet
644Kb / 21P
Circular Connector, BACC Series, MIL-DTL-26500 Series, Wall Mount Receptacle, 19 Contacts
logo
Red Lion Controls. Inc
C48 REDLION-C48 Datasheet
2Mb / 8P
Award-winning solutions from the number one brand in the industry
logo
Cinch Connectivity Solu...
C48-00R1055P10100 CINCH-C48-00R1055P10100 Datasheet
644Kb / 21P
Circular Connector, BACC Series, MIL-DTL-26500 Series, Wall Mount Receptacle, 19 Contacts
C48-00R1055P10102 CINCH-C48-00R1055P10102 Datasheet
644Kb / 21P
Circular Connector, BACC Series, MIL-DTL-26500 Series, Wall Mount Receptacle, 19 Contacts
C48-00R1055P10105 CINCH-C48-00R1055P10105 Datasheet
644Kb / 21P
Circular Connector, BACC Series, MIL-DTL-26500 Series, Wall Mount Receptacle, 19 Contacts
More results

Similar Description - C4877

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HY-5610 ETC1-HY-5610 Datasheet
89Kb / 4P
SUBMINIATURE CONTROLLER FOR THERMOELECTRIC COOLERS
MI1064 ETC2-MI1064 Datasheet
46Kb / 2P
Thermo-electric Coolers
logo
Hamamatsu Corporation
C10372 HAMAMATSU-C10372 Datasheet
160Kb / 2P
HIGH PERFORMANCE THERMOELECTRIC COOLERS
logo
Advantech Co., Ltd.
1750000400 ADVANTECH-1750000400 Datasheet
147Kb / 1P
CPU Coolers
1-Mar-2007
logo
RMT Ltd.
1MDL06068 RMT-1MDL06068 Datasheet
537Kb / 5P
1MDL06 Series of Miniature Thermoelectric Coolers for telecom applications.
1MDL06052 RMT-1MDL06052 Datasheet
533Kb / 5P
1MDL06 Series of Miniature Thermoelectric Coolers for telecom applications.
1MDL06050 RMT-1MDL06050 Datasheet
544Kb / 5P
1MDL06 Series of Miniature Thermoelectric Coolers for telecom applications.
1MDL06042 RMT-1MDL06042 Datasheet
540Kb / 5P
1MDL06 Series of Miniature Thermoelectric Coolers for telecom applications.
1MDL06035 RMT-1MDL06035 Datasheet
540Kb / 5P
1MDL06 Series of Miniature Thermoelectric Coolers for telecom applications.
1MDL06024 RMT-1MDL06024 Datasheet
552Kb / 5P
1MDL06 Series of Miniature Thermoelectric Coolers for telecom applications.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com