Electronic Components Datasheet Search
  English  ▼

X  

2B1205XM Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # 2B1205XM
Description  Isolated 2W Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

2B1205XM Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  2B1205XM Datasheet HTML 1Page - Microdc power Technology Co., Ltd 2B1205XM Datasheet HTML 2Page - Microdc power Technology Co., Ltd 2B1205XM Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
2B-XES&
B-XES&2
2F-XES&
F-XES&2
2H-XES
H-XES
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
SELECTION
SELECTION GUIDE
GUIDE
Order code
Input Voltage
(V)
Output Voltage
(V)
Output Current
max(MA)
Capacitive load,max
(μF)
Efficiency
(%)
H0512XES
4.5-5.5
12
167
470
70
H0515XES
4.5-5.5
15
134
470
70
H0518XES
4.5-5.5
18
111
470
67
H0524XES
4.5-5.5
24
83
470
68
H1203XES
10.8-13.2
3.3
600
470
53
H1205XES
10.8-13.2
5
400
470
66
H1207XES
10.8-13.2
7.2
278
470
63
H1209XES
10.8-13.2
9
222
470
66
H1212XES
10.8-13.2
12
167
470
70
H1215XES
10.8-13.2
15
134
470
70
H1218XES
10.8-13.2
18
111
470
66
H1224XES
10.8-13.2
24
83
470
68
H2403XES
21.6-26.4
3.3
600
470
54
H2405XES
21.6-26.4
5
400
470
64
H2407XES
21.6-26.4
7.2
278
470
63
H2409XES
21.6-26.4
9
222
470
64
H2412XES
21.6-26.4
12
167
470
68
H2415XES
21.6-26.4
15
134
470
68
H2418XES
21.6-26.4
18
111
470
68
H2424XES
21.6-26.4
24
83
470
70
Input
Input Specifications
Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
4.5-5.5
VDC
12
10.8-13.2
24
21.6-25.4
Filter
Capacitor
Turn on Transient process time
100
ms
Start up time
300
ms
Absolute Maximum Rating
5 Vin
0-7
VDC
12 Vin
0-15
24 Vin
0-28
Peak Input Voltage time
100
ms
Isolation
Isolation Specifications
Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1000, 3000 or 6000
VDC
Resistance
> 1000
MOhm
Capacitance
60
pF
Output
Output Specifications
Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Short Circuit protection
Continuous
Short Circuit restart
Auto-recovery
Line voltage regulation (Single)
±0.5
%
Load voltage regulation (Single)
Load 0 – 100%
±0.5
%
Load voltage regulation (Single)
Load 0 – 100%
±1.5
%
3.3V output model
Temperature coefficient
±0.02
%/℃
Ripple & Noise
At 20MHz
Bandwidth
75
mV p-p
Rising time
150
ms



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com