Electronic Components Datasheet Search
  English  ▼

X  

C5460 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C5460
Description  APD module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C5460 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C5460 Datasheet HTML 1Page - Hamamatsu Corporation C5460 Datasheet HTML 2Page - Hamamatsu Corporation C5460 Datasheet HTML 3Page - Hamamatsu Corporation C5460 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APD module
C5460 series
s General ratings
C5460
C5460-01
Parameter
Symbol
Condition
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
+12 V
+11.4
+12
+12.6
+11.4
+12
+12.6
V
Power supply
Vs
-12 V
-11.4
-12
-12.6
-11.4
-12
-12.6
V
+12 V
-
+30
+45
-
+35
+45
mA
Current dissipation
-
-12 V
-
-11
-16
-
-11
-16
mA
Board dimensions
-
80 × 50 × 23
80 × 50 × 23
mm
Weight
-
52
52
g
s Absolute maximum ratings (Ta=25 °C)
Parameter
Symbol
Value
Unit
Positive supply voltage
Vp
+16
V
Negative supply voltage
Vn
-16
V
Maximum incident light level
-
10
mW
Operating temperature
Topr
0 to +60
°C
Storage temperature
Tstg
-20 to +70
°C
s Specification (Typ. Ta=25 °C, Vcc=±12 V, unless otherwise noted)
Photoelectric section (Si APD)
Parameter
Symbol
Condition
C5460
C5460-01
Unit
Active area
A
φ1.5
φ3.0
mm
Spectral response range
λ
400 to 1000
nm
Peak sensitivity wavelength
λp
800
nm
Photo sensitivity
S
λ=800 nm,
Gain=1
0.5
A/W
Temperature stability
of gain *
-
25 ± 10 °C,
Gain=30
±2.5 Typ., ±5 Max.
%
High-speed amplifier section (C5460)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
High band, -3 dB
9
10
-
MHz
Cut-off frequency
fc
Low band, -3 dB
-
DC
-
-
Noise equivalent power
NEP
f=10 MHz
λ=800 nm
-
0.2
0.4
pW/Hz
1/2
Feedback resistance
-
-
10
-
k
Ω
Photoelectric sensitivity *
-
APD include,
λ=800 nm
Gain=30
1.4 × 10
6
1.5 × 10
6
1.6 × 10
6
V/W
Maximum input light level
-
5.0
6.0
-
µW
Minimum detection limit
-
-
0.
63
1.
26
nWr.m.s.
High-speed amplifier section (C5460-01)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
High band, -3 dB
80
100
-
kHz
Cut-off frequency
fc
Low band, -3 dB
-
DC
-
-
Noise equivalent power
NEP
f=100 kHz
λ=800 nm
-
0.02
0.04
pW/Hz
1/2
Feedback resistance
-
-
10
-
M
Ω
Photoelectric sensitivity *
-
APD include,
λ=800 nm
Gain =30
-1.4 × 10
8
-1.5 × 10
8
-1.6 × 10
8
V/W
Maximum input light level
-
0.05
0.06
-
µW
Minimum detection limit
-
-
0.00
63
0.01
3
nWr.m.s.
* Gain is set to 30 at the factory prior to shipping.
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com