Electronic Components Datasheet Search
  English  ▼

X  

B-XM Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # B-XM
Description  Isolated 1W Single Output MICRO SIP4 DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

B-XM Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  B-XM Datasheet HTML 1Page - Microdc power Technology Co., Ltd B-XM Datasheet HTML 2Page - Microdc power Technology Co., Ltd B-XM Datasheet HTML 3Page - Microdc power Technology Co., Ltd B-XM Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
B
B-X
-XM
M Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 4
SELECTION
SELECTION GUIDE
GUIDE
Order code
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current
(MA)
Input Current
(Rated Load)
(MA)
Efficiency
(%)
Isolation
Capacitance
(PF)
MTTF1
(KHRS)
B0505XM
5
5
200
289
69
30
3415
B0509XM
5
9
111
260
77
37
3078
B0512XM
5
12
83
256
78
33
2205
B0515XM
5
15
66
250
80
40
1532
B0524XM
5
24
42
248
80
48
900
B1205XM
12
5
200
120
69
33
2493
B1209XM
12
9
111
116
74
48
2311
B1212XM
12
12
83
110
76
55
1780
B1215XM
12
15
66
111
75
52
1313
B1224XM
12
24
42
110
80
48
1002
B2405XM
24
5
200
60
70
40
201
B2409XM
24
9
111
55
75
59
185
B2412XM
24
12
83
52
80
78
163
B2415XM
24
15
66
52
80
79
136
B2424XM
24
24
42
52
80
79
125
B4805XM
48
5
200
30
70
32
213
B4809XM
48
9
111
28
75
50
194
B4812XM
48
12
83
26
80
76
164
B4815XM
48
15
66
26
80
75
140
B4824XM
48
24
42
25
80
75
138
1. Calculated using MIL-HDBK-217F with nominal input voltage at full load.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
MODEL
MODEL SELECTION
SELECTION
B
B
①05
05
② 05
05
③ X
X
④ M
M
⑤
①
Product Series
②
Input Voltage
③
Output Voltage
④
Fixed Input
⑤
Mini SIP Package
MICRODC R ESERVES THE COPYRIGHT
Isolated 1W Single Output MICRO SIP4 DC/DC Converters
FEATURES
FEATURES
◆
Footprint from 0.69cm2
◆
I/O isolation voltage 1000VDC
◆
Operating Temperature: -40℃~﹢85℃
◆
High efficiency up to 80%
◆
Fully encapsulated toroidal magnetics
◆
Internal SMD construction
◆
Power density up to 0.85W/cm3
◆
No electrolytic or tantalum capacitors
◆
5V、9V、12V、15V and24V output
◆
No heatsink required
◆
Dual output from a single input rail
◆
UL 94V-0 package material
◆
No external compo nents required
◆
Industry standard pinout
◆
Power sharing on output
◆
MTTF up to 3.4 million hours
APPLICATIONS
APPLICATIONS
The B-XM series of DC/DC converters is
particularly
suited
to
isolating
and/or
converting DC power rails. The galvanic
isolation allows the device to be configured to
provide an isolated negative rail in systems
where only positive rails exist. The wide
temperature range guarantees startup from
-40°C and full 1 watt output at 85°C.
For lower ripple,refer to output ripple reduction
section.
Input
Input Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation,5V input
4.5
5
5.5
VDC
Continuous operation,12V input
10.8
12
13.2
VDC
Continuous operation, 15V input
13.5
15
16.5
VDC
Continuous operation,24V input
21.6
24
26.4
VDC
Continuous operation,48V input
43.2
48
52.8
VDC
Reflected ripple current
20
40
mA p-p
Absolute
Absolute Maximum
Maximum Ratings
Ratings
Parameter
Conditions
Lead temperature 1.5mm from case for 10 seconds
300℃
Internal power dissipation
700mW
Input voltage V ,B05 types
7V
Input voltage Vin, B12 types
15V
Input voltage Vin, B15 types
18V
Input voltage Vin, B24 types
28V
Input voltage Vin, B48 types
54V


Similar Part No. - B-XM

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B-XM-1W MICRODC-B-XM-1W Datasheet
944Kb / 4P
Isolated 1W Single Output MICRO SIP4 DC/DC Converters
B-XM-2W MICRODC-B-XM-2W Datasheet
932Kb / 4P
Isolated 2W Single Output DC/DC Converters
B-XMD MICRODC-B-XMD Datasheet
378Kb / 3P
1KV Isolated 1W unregulated single dual separated output DIP8 DC?껪C Converter
More results

Similar Description - B-XM

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XM-1W MICRODC-B-XM-1W Datasheet
944Kb / 4P
Isolated 1W Single Output MICRO SIP4 DC/DC Converters
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
Isolated 1W Single Output DC/DC Converters
B-XN1S MICRODC-B-XN1S Datasheet
497Kb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
1W Isolated Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
Isolated 1W Single Output Isolated DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com