Electronic Components Datasheet Search
  English  ▼

X  

C5658 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C5658
Description  APD module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C5658 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C5658 Datasheet HTML 1Page - Hamamatsu Corporation C5658 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l High-speed response and high sensitivity
l Flat frequency characteristics
l Compact and lightweight
l Single power supply operation
Applications
l Laser radar
l Spatial light transmission
l Optical rangefinder
MODULE
APD module
Detects optical signals at 1 GHz, with high sensitivity
C5658
APD module C5658 is a highly sensitive photodetector consisting of a Si APD (avalanche photodiode), a bias power supply and a low-noise
amplifier, all integrated into a compact case. The APD used has an effective active area of
φ0.5 mm to allow efficient coupling to a light beam in
applications such as spatial light transmission. The APD internally multiplies the photocurrent to produce an ample gain (set to 100 times for
C5658) and also features high-speed response, achieving detection limits up to 1 GHz wideband and -48 dBm (16 nWr.m.s.) noise level in
combination with the low-noise amplifier. C5658 also incorporates a thermosensor and a temperature-compensated bias power supply necessary
for stable operation of the APD. Highly sensitive optical measurements can be made just by supplying +12 V to C5658.
s
Absolute maximum ratings
Parameter
Condition
Value
Unit
Supply voltage
+13.5
V
Maximum incident light level
Continuous input
10
mW
Operating temperature
0 to +50
°C
Storage temperature
-30 to +80
°C
s
Electrical and optical characteristics (Ta=25 °C, Vcc=12 V, output terminated with 50 Ω)
Parameter
Condition
Typ.
Unit
Spectral response range
400 to 1000
nm
Active area
φ0.5
mm
Quantum efficiency
λ=800 nm
70
%
High band
1
GHz
Cut-off frequency (-3 dB)
Low band
1
MHz
Detection sensitivity
λ=800 nm
2.5 × 105
V/W
Gain stability
25 °C ± 10 °C
±5.0
%
Noise level
Dark state
-48
dBm
Output impedance
50
Ω
VSWR *
1.5
-
Compression point at 1 dB
3
µW
* VSWR (Voltage Standing Wave Ratio)
If internal matching of elements on a signal transmission line (matching between element input/output impedance and signal line
impedance) is poor, signal reflections occur that generate standing waves on the signal line. The VSWR is the ratio of standing
wave maximum amplitude (V Max.) to minimum amplitude (V Min.) and indicates how well the impedance is internally matched.
When this internal matching is complete, no standing waves exit and the VSWR is 0 (zero).
s
Signal connector
Parameter
Standard
Signal output
SMA
Power supply connector
D-sub 9 pin
s
General specifications
Parameter
Condition
Value
Unit
Supply voltage
+12 ± 0.1
V
Current consumption
100
mA
Dimensional outline
Excluding projecting parts
28 × 50 × 60
mm
Weight
120
g


Similar Part No. - C5658

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C5658_KACC1023E HAMAMATSU-C5658_KACC1023E_15 Datasheet
89Kb / 2P
Detects optical signals at 1 GHz, with high sensitivity
More results

Similar Description - C5658

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-318AP-M6 MITSUBISHI-FU-318AP-M6 Datasheet
40Kb / 3P
InGaAs APD MODULE FOR LONG WAVELENGTH BAND
logo
Ericsson
PGR20314 ERICSSON-PGR20314 Datasheet
343Kb / 4P
APD Receiver Module for 2.5 Gb/s
logo
Hamamatsu Corporation
C4777 HAMAMATSU-C4777 Datasheet
172Kb / 4P
APD module
C5460 HAMAMATSU-C5460 Datasheet
156Kb / 4P
APD module
logo
Mitsubishi Electric Sem...
FU-318AP-VM6 MITSUBISHI-FU-318AP-VM6 Datasheet
100Kb / 3P
APD MODULE FOR LONG WAVELENGTH BAND
FU-318SAP-X2MX MITSUBISHI-FU-318SAP-X2MX Datasheet
109Kb / 6P
APD MODULE FOR LONG WAVELENGTH BAND
FU-319SPA-X6M2X MITSUBISHI-FU-319SPA-X6M2X Datasheet
99Kb / 6P
APD-TIA MODULE FOR LONG WAVELENGTH BAND
logo
Hamamatsu Corporation
S4402 HAMAMATSU-S4402 Datasheet
82Kb / 2P
Si APD ?1 mm quadrant APD
C4777 HAMAMATSU-C4777_10 Datasheet
135Kb / 5P
APD module APD module integrated with peripheral circuits
C12703 HAMAMATSU-C12703_15 Datasheet
407Kb / 5P
APD module integrated with peripheral circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com