Electronic Components Datasheet Search
  English  ▼

X  

D-XM Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # D-XM
Description  1W,FIXED INPUT,1000V ISOLATED & UNREGULATED TWIN OUTPUT DC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

D-XM Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  D-XM Datasheet HTML 1Page - Microdc power Technology Co., Ltd D-XM Datasheet HTML 2Page - Microdc power Technology Co., Ltd D-XM Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
D-XM
D-XM
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 3
SELECTION
SELECTION GUIDE
GUIDE
Order code
Input
Voltage
(V)
Output
Voltage1
(V)
Output
Voltage2
(V)
Output
Current1
(MA)
Output
Current2
(MA)
Efficiency
(%)
MTTF1
(KHRS)
D050503XM
5
5
3.3
100
152
70
1615
RD050505XM
5
5
5
50
50
70
146
D050505XM
5
5
5
100
100
70
1615
D050509XM
5
5
9
100
56
80
669
D050512XM
5
5
12
100
42
80
339
D050515XM
5
5
15
100
34
80
187
RD120505XM
12
5
5
50
50
84
135
D120505XM
12
5
5
100
100
70
489
D120509XM
12
5
9
100
56
80
343
D120512XM
12
5
12
100
42
80
229
D120515XM
12
5
15
100
34
80
148
RD240505XM
24
5
5
50
50
84
130
D240505XM
24
5
5
100
100
81
395
D240509XM
24
5
9
100
56
82
289
D240512XM
24
5
12
100
42
84
186
D240515XM
24
5
15
100
34
84
150
MODEL
MODEL SELECTION
SELECTION
D
D
①05
05
②05
05
③05
05
④ X
X
⑤ M
M
⑥
①
Product Series
②
Input Voltage
③
The 1st Output Voltage ④The 2nd Output Voltage
⑤
Fixed Input
⑥
Mini SIP Package Style
MICRODC R ESERVES THE COPYRIGHT
1W,FIXED INPUT,1000V ISOLATED & UNREGULATED TWIN OUTPUT DC-DC CONVERTER
FEATURES
FEATURES
◆
Small footprint
◆
Temperature range: -40℃~+85℃
◆
1KVDC isolation
◆
No Heat sink required
◆
No external component required
◆
Internal SMD Construction
◆
Industry standard pinout
◆
RoHS Compliance
APPLICATIONS
APPLICATIONS
COMMON
COMMON SPECIFICATIONS
SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Storage humidity range
95
%
Operating temperature
-40
85
℃
Storage temperature
-55
125
Lead temperature
1.5mm from case for 10 seconds
300
Temp. rise at full load
15
25
Short circuit protection*
1
S
Cooling
Free air convection
Case material
Plastic(UL94-V0)
MTBF
3500
K hours
Weight
1.4
g
*Supply voltage must be discontinued at the end of short circuit duration.
The D-XM Series are specially designed for
applications where a group of polar power
supplies are isolated from the input power
supply in a distributed power supply system on
a circuit board.
These products apply to:
1) Where the voltage of the input power
supply is fixed (voltage variation ≤±10%);
2) Where isolation is necessary between
input and output(isolation voltage ≤1000VDC);
3) Where the regulation of the output voltage
and the output ripple noise are not demanding.
Such as:purely digital circuits, ordinary low
frequency analog circuits,and IGBT power
device driving circuits.


Similar Part No. - D-XM

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
D-XM-1W MICRODC-D-XM-1W Datasheet
586Kb / 3P
1W,FIXED INPUT,1000V ISOLATED & UNREGULATEDTWINOUTPUTDC-DCCONVERTER
D-XMD MICRODC-D-XMD Datasheet
378Kb / 3P
1KV Isolated 1W unregulated single dual separated output DIP8 DC?껪C Converter
D-XMS MICRODC-D-XMS Datasheet
391Kb / 3P
1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
More results

Similar Description - D-XM

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
D050505T-1W CRYSTEKCRYSTAL-D050505T-1W_12 Datasheet
292Kb / 3P
1W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
logo
Microdc power Technolog...
D-XMS MICRODC-D-XMS Datasheet
391Kb / 3P
1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D-XNM MICRODC-D-XNM Datasheet
418Kb / 3P
1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
F-XMS MICRODC-F-XMS Datasheet
524Kb / 2P
1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1MD8A GAPTEC-1MD8A Datasheet
753Kb / 3P
1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8A GAPTEC-1T8A Datasheet
1Mb / 5P
1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8A-3.5U GAPTEC-1T8A-3.5U Datasheet
1Mb / 4P
1W- Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8CE GAPTEC-1T8CE Datasheet
871Kb / 3P
1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T10A-3UP GAPTEC-1T10A-3UP Datasheet
823Kb / 4P
1W - Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1TM14 GAPTEC-1TM14 Datasheet
3Mb / 4P
1W - Single Output DC-DC Converter - Fixed Input - Isolated - Unregulated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com