Electronic Components Datasheet Search
  English  ▼

X  

C5949 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C5949
Description  Position Sensor System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C5949 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C5949 Datasheet HTML 1Page - Hamamatsu Corporation C5949 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Position Sensor System
C5949
DATA SHEET
FEATURES
• Real-time measurement
(300Hz sampling)
• Prevents intruding background light
• Supports up to 7 simultaneous measure-
ment points
(when used with an optional M6254 board)
SYSTEM CONFIGURATIONS
v Shown with optional lens.
AD convertor
Sensor Head
LED Target : MAX 7 points
Standard
Controller
Recorder
Oscilloscope
Computer
Analog
OUT
HAMAMATSU
POSITION SENSOR SYSTEM
C5949
HIGH
LEVEL
X DATA
Y DATA
CH.SELECT
LOW
X DATA
POWER
1.11
Y DATA
1.11
5.5
1
2
3
4
5
6
7
STATUS
1
2
3
4
5
6
7
HAMAMATSU
The C5949 is a compact, high-resolution, light-spot po-
sition measurement system using a non-discrete posi-
tion sensitive detector (PSD) and infrared LED.
The system allows you to track the movement of up to
seven LEDs (LED target: M1375-16) that are attached to
an object and measured in real-time (300Hz). An IR filter
and background-light elimination circuit installed in the
sensor head allows for accurate measurement.
Using the optional M6523 LED Driver, wireless operation
between the controller and LED target is possible.
Two C5949 systems can be combined to conduct three-
dimensional measurements.


Similar Part No. - C5949

ManufacturerPart #DatasheetDescription
logo
Powerbox
C594 POWERBOX-C594 Datasheet
405Kb / 1P
250 WATTS (AC) DC/D CSINGLE OUTPUT
More results

Similar Description - C5949

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL971 VISHAY-MODEL971 Datasheet
240Kb / 3P
Throttle Position Sensor with Integrated Spring Return System
29-Jan-07
logo
Bi technologies
6121 BITECH-6121 Datasheet
495Kb / 3P
Position Sensor
404 BITECH-404 Datasheet
242Kb / 3P
Position Sensor
logo
Melexis Microelectronic...
MLX90333 MELEXIS-MLX90333_17 Datasheet
881Kb / 48P
Position Sensor
logo
Festo Corporation.
189040 FESTO-189040 Datasheet
75Kb / 1P
Position sensor
SMH-S1-HGD16 FESTO-SMH-S1-HGD16 Datasheet
81Kb / 1P
Position sensor
SMH-S1-HGP06 FESTO-SMH-S1-HGP06 Datasheet
73Kb / 1P
Position sensor
SRBS-Q12-8-E270-EP-1-S-M8 FESTO-SRBS-Q12-8-E270-EP-1-S-M8 Datasheet
104Kb / 2P
Position sensor
2393548 FESTO-2393548 Datasheet
108Kb / 2P
Position sensor
2393549 FESTO-2393549 Datasheet
111Kb / 2P
Position sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com