Electronic Components Datasheet Search
  English  ▼

X  

C5964 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C5964
Description  NMOS multichannel detector head
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C5964 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C5964 Datasheet HTML 1Page - Hamamatsu Corporation C5964 Datasheet HTML 2Page - Hamamatsu Corporation C5964 Datasheet HTML 3Page - Hamamatsu Corporation C5964 Datasheet HTML 4Page - Hamamatsu Corporation C5964 Datasheet HTML 5Page - Hamamatsu Corporation C5964 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NMOS multichannel detector head
C5964 series
s
Absolute maximum ratings
Parameter
Symbol
Value
Unit
Supply voltage (for digital circuitry)
+VD
-0.5 to +7
V
Supply voltage (for analog circuitry)
±VA
±18
V
Digital input voltage
-
VD
V
Operating temperature
Topr
+10 to +30
°C
Storage temperature
Tstg
0 to +50
°C
s
Electrical characteristics (Ta=25 °C, VD=+5 V, ±VA=±15 V, unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
High level
VIH
+2.0
-
+VD
V
Digital input
Low level
VIL
-0.5
-
+0.8
V
Master clock (CLK) pulse frequency
fCLK
-
-
375
kHz
Video signal readout frequency
fv
-
-
fCLK/6
Hz
Master start (start) pulse width
tst
1/fCLK
-
-
s
High level (Io= -6 mA)
VIH
+2.0
-
-
V
Digital output
Low level (Io=+6 mA)
VIL
--
+0.8
V
Digital
+VD
+4.75
+5.0
+5.25
V
Power supply conditions:
Rated voltage
Analog
±VA
±14.5
±15.0
±15.5
V
+5 Vdc *1
--
-
+2.0
A
+15 Vdc
-
-
-
+100
mA
Power supply conditions:
Current consumption
-15 Vdc
-
-
-
-100
mA
*1: Including the current consumption of the Peltier element incorporated in the NMOS linear image sensor (S5930 series, etc.)
s
Electrical and optical characteristics (Ta=25 °C, Ts=0 °C, V,=+5 V, ±V)=±15 V, unless otherwise noted)
Parameter
Built in sensors
Symbol
Min.
Typ.
Max.
Unit
Spectral response range
λ
-
200 to 1000
-nm
S5930/S5931 series
-
600
-
Peak sensitivity wavelength
S8382/S8383 series
λp
-
750
-
nm
S5930 series
-
50
-
S5931 series
-
25
-
S8382 series
-
50
-
Saturation output charge
S8383 series
Qsat
-25-
pC
S5930 series
-
0.009
0.03
S5931 series
-
0.004
0.01
S8382 series
-
0.009
0.03
Dark current
S8383 series
ID
-
0.004
0.01
pA/pixel
Photo response non-uniformity *2
PRNU
-
-
±3
%
S5930 series
-
0.2
-
S5931 series
-
0.4
-
S8382 series
-
0.2
-
Conversion gain
S8383 series
Gc
-
0.4
-
V/pC
*2: Use for “A” light source. 50 % of saturation, excluding first and last pixels.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com