Electronic Components Datasheet Search
  English  ▼

X  

C6080 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C6080
Description  UV Power METERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C6080 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C6080 Datasheet HTML 1Page - Hamamatsu Corporation C6080 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS
Parameter
C6080-02
C6080-03
C6080-04
C6080-13
Sensitive Area
Sensitive Wavelength Range
Calibrated Wavelength
Optical Power
Measurement Range *
Display
Sampling Interval
External Output (analog)
Operating Temperature Range
Power Requirement
Current Consumption
Weight
Carrying Case Size (W
× H × D)
3·1/2 digits Liquid crystal digital display
2.5
1.000 V per liquid crystal display "1000"
0 to +50
9 V battery (006P) 1 piece
2
Approx. 100
Approx. 200
330
× 70 × 230
6
230 to 270
248
Unit
mm
nm
nm
mW/cm2
—
times/s
—
°C
—
mA Max.
g
mm
SENS. L
SENS. H
Sensor Head (including cable)
Display Unit (including battery)
UV POWER METERS C6080 SERIES
TPT 1005E06
MAY 2003 IP (0202)
Printed in Japan (1000)
Figure 2: Dimensional Outline (Unit: mm)
Figure 3: Light Guide Clamp Adapter (Option) Dimensional Outline (Unit: mm)
TPT A0021EC
TPT A0027EA
* Sensitivity is calibrated at the specific calibration wavelength, so the display value may vary when used to measure light source emissions on a different spectrum.
* External output connector plug: PJ-3057-P (Sato Parts) or equivalent
1
380 to 480
436
320 to 400
365
1 to 1999
0.1 to 199.9
320 to 400
365
10 to 19990
1 to 1999
* Adapters for furcated light guide are also available.
* This adapter is designed to measure UV intensity under constant conditions, at a point 10 mm away from the light guide output end.
HAMAMATSU PHOTONICS K.K., Electron Tube Center
314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 E-mail: info@hamamatsu.de
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 E-mail: infos@hamamatsu.fr
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road Welwyn Garden City Hertfordshire AL7 1BW, United Kingdom, Telephone: 44-(0)1707-294888, Fax: 44(0)1707-325777 E-mail: info@hamamatsu.co.uk
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 SOLNA, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01 E-mail: info@hamamatsu.se
Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741 E-mail: info@hamamatsu.it
DISPLAY UNIT
SENSOR HEAD
37
80
SENSITIVE AREA
6 (-02 ONLY)
1 (OTHER TYPES)
CABLE LENGTH
1 m
POWER
ON/OFF
ZERO ADJUST
TRIMMER
EXTERNAL OUTPUT
CONNECTOR*
( 3.5 EARPHONE JACK)
SENSOR HEAD CONNECTOR
HOLD SWITCH
SENSITIVITY
SELECTOR
mw
cm2
Adapter
Type No.
E8718-01
E8718-02
Applicable Outer Diameter
of The Light Guide End
7 mm
6 mm
20
46
17
39
1
5
LIGHT GUIDE
RECEPTACLE
SENSOR HEAD
CLAMP SCREW (M3)
SENSOR
HEAD
CABLE
LIGHT GUIDE
CLAMP SCREW (M3)
7 (E8718-01)
6 (E8718-02)
SENSOR
HEAD
Bottom View
Side View
Top View
This is the recommended calibration period (every 1 year) when high reliability is required. Please contact to our sales office for re-calibration fee.
WEB SITE http://www.hamamatsu.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com