Electronic Components Datasheet Search
  English  ▼

X  

C6086 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C6086
Description  X-Ray CCD Camera
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C6086 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C6086 Datasheet HTML 1Page - Hamamatsu Corporation C6086 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONAL OUTLINE (UNIT:mm)
SPECIFICATIONS
• Camera Controller C6086-90
A/D converter
10-bit
Frame memory
16-bit memory
× 2 planes
Digital interface
SCSI
2(optional)
Image processing functions
Gain/Offset, On-chip integration, Image accumulation, Recursive average, Zoom,
Background subtraction, Edge enhancement mask (selectable)
Line voltage / Power consumption
Operating / Storage temperature
Operating / Storage humidity
AC 100V, 117V, 220V, 240V
±10% 50/60Hz / Approx. 60VA
0˚C to 40 ˚C / -10 ˚C to 40 ˚C
Less than 70% (no condensation)
• Camera head
Imaging device
Interline-type CCD
Video system
EIA
CCIR
Video output
1.0Vp-p 75
Ω terminated
Material of X-ray scintillator
Effective X-ray tube voltage range (kVp)
10 to 100
C6086-03
C6086-13
C6086-23
Fiber type
Straight fiber
2.27:1 tapered fiber
3.69:1 tapered fiber
8.8
× 6.5
Type. number
Effective field of view (mm2)
Spatial resolution (
µm)
25
43
62
C6086-04
C6086-14
C6086-24
CCIR
CCIR
EIA
EIA
P43 (GdO2S:Tb)( Window material : Aluminum )
Power requirements / comsumption
DC +12 V (12P) / 1.6 W
C6086-53
C6086-54
30
8.6
× 6.4
19.9
× 14.9 19.5 × 14.6 32.4 × 24.2 31.6 × 23.8 12.7 × 9.5 12.4 × 9.3
CCIR
EIA
C6086-03,04 (Weight : Approx. 0.4 kg)
86.5
±1
4-M4 D=10
1/4-20UNC D=10
25
±0.2
4-M3 D=3
PCD 40
±0.2
48.5
±0.5
35
±0.2
scintillator
1.5
±0.2
29
±0.3
35
±0.2
87
±0.5
25
±0.2
4-M4 D=10
1/4-20UNC D=10
4-M3 D=3
PCD 60
±0.2
125
±1
2
±0.2
scintillator
67.5
±0.3
C6086-23,24 (Weight : Approx. 0.7 kg)
C6086-13,14 (Weight : Approx. 0.6 kg)
115
±1
57.5
±0.3
35
±0.2
4-M4 D=10
1/4-20UNC D=10
77
±0.5
4-M3 D=3
PCD 60
±0.2
25
±0.2
2
±0.2
scintillator
PCD40
±0.2
4-M3D=3
Scintillater
±0.2
1.5
±0.3
37
±0.2
35
4-M4D=10
±0.2
25
1/4-20UNCD=10
±0.5
56.5
±1
94.5
C6086-53,54 (Weight : Approx. 0.5 kg)
• Camera head
1.45:1 tapered fiber
• Control Box A6649
180
±1
58
±1
2
(Weight : Approx. 0.9 kg)
• Camera Controller
333
±1
262
±1
ANALOG
ANALOG
DIGITAL
POWER
88
GAIN
88
8
OFFSET
CONTRAST ENHANCEMENT
88
SET
MEMORY CONTROL
SHADING
REMOTE
LIVE
INTEG
RECUR
PAUSE
CCD
INTEG
ZOOM
MASK
BG
SET UP
VIDEO
LEVEL
OVER
NORM
X-RAY CCD CAMERA CONTROLLER
C6086
C6086-90 (Weight : Approx. 5.0 kg)
Homepage Address http://www.hamamatsu.com
5 Product and software package names noted in this documentation are trademarks or registered trademarks of their respective manufacturers.
q
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
.
q
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications and external appearance are subject to change without notice..
© 2001Hamamatsu Photonics K.K.
ISO 9001
Certificate: 09 105 79045
HAMAMATSU PHOTONICS K.K., Systems Division
812 Joko-cho, Hamamatsu City, 431-3196, Japan, Telephone: (81)53-431-0124, Fax: (81)53-435-1574, E-mail:export@sys.hpk.co.jp
U.S.A. and Canada: Hamamatsu Photonic Systems: 360 Foothill Road, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1)908-231-1116, Fax: (1)908-231-0852, E-mail: usa@hamamatsu.com
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658, E-mail: info@hamamatsu.de
,
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10, E-mail: infos@hamamatsu.fr
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10Tewin Road, Welwyn Garden City, Hertfordshire, AL7 1BW, U.K., Telephone: (44) 1707-294888, Fax: (44) 1707-325777, E-mail: info@hamamatsu.co.uk
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 Solna, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01, E-mail: info@hamamatsu.se
-
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Mois, 1/E 20020 Arese (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741, E-mail: info@hamamatsu.it
Cat. No. SICS1042E07
SEP/2001 HPK
Created in Japan (PDF)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com