Electronic Components Datasheet Search
  English  ▼

X  

C6270 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C6270
Description  HIGH VOLTAGE POWER SUPPLY SOCKET ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C6270 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C6270 Datasheet HTML 1Page - Hamamatsu Corporation C6270 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HIGH VOLTAGE POWER SUPPLY SOCKET ASSEMBLY C6270
TACC1010E03
SEPT. 1998 SI
Printed in Japan (500)
HAMAMATSU PHOTONICS K.K., Electoron Tube Center
314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: Lough Point, 2 Gladbeck Way, Windmill Hill, Enfield, Middlesex EN2 7JA, United Kingdom, Telephone: (44)181-367-3560, Fax: (44)181-367-6384
North Europe: Hamamatsu Photonics Norden AB: Färögatan 7, S-164-40 Kista Sweden, Telephone: (46)8-703-29-50, Fax: (46)8-750-58-95
Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741
Figure 2: High Voltage Controlling Characteristics
Figure 3: Practical PMT Output Limits
Figure 4: Schematic Diagram
Figure 5: Dimensional Outline (Unit: mm)
TACCB0041EA
TACCB0042EB
TACCC0095EA
TACCA0156EC
0
6
4
1
0
CONTROL VOLTAGE (V)
23
5
-250
-500
-750
-1000
-1250
-1500
-400
-600
-800
-1000
-1200
-1400
20
0
40
60
100
80
120
140
PMT SUPPLY VOLTAGE (V)
C6270
330k
Ω/STAGE
RESISTIVE DIVDER
PMT
SOCKET
+15Vdc IN (RED)
Vref (5V) OUT (BLUE)
HV CONTROL (WHITE)
GROUND (BLACK)
SIGNAL OUT (COAX)
ACTIVE VOLTAGE
DIVIDER
HIGH VOLTAGE
POWER SUPPLY
38
31.5
2- 3.2
45
32
10.5
R1
CONDUCTIVE
PLASTIC
SIGNAL OUT
(COAXIAL CABLE:RG-174/U)
OTHER WIRES
:AWG24



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com