Electronic Components Datasheet Search
  English  ▼

X  

C6271 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C6271
Description  HIGH VOLTAGE POWER SUPPLY SOCKET ASSEMBLY WITH TRANSIMPEDANCE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C6271 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C6271 Datasheet HTML 1Page - Hamamatsu Corporation C6271 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Figure 4: Dimensional Outlines (Unit: mm)
TACCC0096ED
HIGH VOLTAGE POWER SUPPLY SOCKET ASSEMBLY WITH TRANSIMPEDANCE AMPLIFIERC6271
HAMAMATSU PHOTONICS K.K., Electron Tube Center
314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193 Japan, Telephone:(81)539/62-5248, Fax:(81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone:(1)908-231-0960, Fax:(1)908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone:(49)8152-375-0, Fax:(49)8152-2658
France: Hamamatsu Photonics France: S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone:(33)1 69 53 71 00, Fax:(33)1 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: Lough Point, 2 Gladbeck Way, Windmill Hill, Enfield, Middlesex EN2 7JA, United Kingdom, Telephone:(44)181-367-3560, Fax:(44)181-367-6384
North Europe: Hamamatsu Photonics Norden AB: Färögatan 7, S-164 40 Kista, Sweden, Telephone:(46)8-703-29-50, Fax:(46)8-750-58-95
Italy: Hamamatsu Photonics Italia S.R.L.: Via della Moia, 1/E 20020 Arese, (Milano), Italy ,Telephone: (39)2 935 81 733 Fax: (39)2 935 81 741
TACC1011E03
MAY. 1998 SI
Printed in Japan (500)
Figure 1: High Voltage Controlling Characteristic
Figure 2: Schematic Diagram
TACCB0041EB
0
+6
+4
+1
0
CONTROL VOLTAGE (V)
+2
+3
+5
-250
-500
-750
-1000
-1250
-1500
TACCA0156EC
Figure 3: Wire Connection
TACCC0106EB
PMT
SOCKET
+15 Vdc IN (RED)
Vref (5V) OUT (BLUE)
HV CONTROL (WHITE)
GROUND (BLACK)
GROUND (BLACK)
SIGNAL OUT (COAX)
TRANSIMPEDANCE
AMP
ACTIVE VOLTAGE
DIVIDER
HIGH VOLTAGE
POWER SUPPLY
C6271
38
31.5
2-
3.2
45
32
10.5
R1
CONDUCTIVE
PLASTIC
SIGNAL OUT
(COAXIAL CABLE:RG-174/U)
OTHER WIRES
:AWG24
COAX. CABLE
15 Vdc IN (RED)
GROUND (BLACK)
GROUND (BLACK)
HV CONTROL (WHITE)
Vref (5 V) OUT (BLUE)
By external voltage
By external potentiometer
SIGNAL OUT
0 to +5 V
NO CONNECTION
COAX. CABLE
15 Vdc IN (RED)
GROUND (BLACK)
GROUND (BLACK)
HV CONTROL (WHITE)
Vref (5 V) OUT (BLUE)
SIGNAL OUT
GND
+15 Vdc
50 k
Ω
GND
MAX.
MIN.
• The case is internally connected to black (GND) wires.
• Two black wires are internally connected.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com