Electronic Components Datasheet Search
  English  ▼

X  

102403210045 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 102403210045
Description  M 2,54 DRC-Q, 20-polig
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

102403210045 Datasheet(HTML) 1 Page - ERNI Electronics

  102403210045 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Koplanarität der Anschlüsse ≤ 0,1 mm
Coplanarity Area of Termination ≤
Anforderungsstufe 1
Performance Level 1
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
0,1 mm
Abspulrichtung -
Reel off Direction
330
Tape on Reel Packaging according to DIN IEC 60286-3
Verpackungseinheit: 320 Stück
Verpackt im Gurt nach DIN IEC 60286-3
Packaging unit: 320 pcs
a1
9 x
28,16
2,54
2,54
9 x 2,54 = 22,86
2,54
= 22,86
25,96
31,86
für höhere Spannungsfestigkeit
for higher voltage proof
DRCQ
M 2,54 DRC-Q, 20-polig
contact one of the ERNI companies
prior notice.
A3
Index
102403210045
3:1
coding blue
Subject to modification without
Class
b
All Dimensions
Scale
Tolerances
version of this drawing, please
Drawing will not be updated.
Designation
in mm
06.06.2014
K
www.ERNI.com
before using.
All rights reserved.
Only for Information.
To ensure that this is the latest
Information:
Codierung blau -
Date
Ansaughaube
hood
8,4
30,66
29,16 ±0,03
1,5 -0,03
ohne Ansaughaube -
without hood
1,8
10,2
3,6
8,4
8,94
7,94
a1
16
Leiterplatten-Layout Vorschlag für SMT
PCB-Layout Proposal for SMT
a1
2,54
= 22,86
2,54
9 x
2,54 = 22,86
9 x
29,16 ±0,03
2,54
0,4
1,02
±0,03
1,95
3,15
-0,03
1,02
1,6


Similar Part No. - 102403210045

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
102403210051 ERNI-102403210051 Datasheet
54Kb / 1P
F 2,54 SRC-A, 6-polig BA 2
102403210089 ERNI-102403210089 Datasheet
102Kb / 1P
Messerl. SMC-Q 40-SMD-BA8-13
More results

Similar Description - 102403210045

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
324221 ERNI-324221 Datasheet
93Kb / 1P
M 2,54 DRC-Q, 20-polig
324228 ERNI-324228 Datasheet
78Kb / 1P
M 2,54 DRC-Q, 10-polig
100103570001 ERNI-100103570001 Datasheet
80Kb / 1P
M 2,54 DRC-Q, 20-polig
102203210045 ERNI-102203210045 Datasheet
80Kb / 1P
M 2,54 DRC-Q, 20-polig
100703210146 ERNI-100703210146 Datasheet
80Kb / 1P
M 2,54 DRC-Q, 20-polig
101502780001 ERNI-101502780001 Datasheet
70Kb / 1P
M 2,54 DRC-Q, 10-polig
105402480001 ERNI-105402480001 Datasheet
86Kb / 1P
M 2,54 DRC-Q, 20-polig
105302480001 ERNI-105302480001 Datasheet
86Kb / 1P
M 2,54 DRC-Q, 20-polig
105202480001 ERNI-105202480001 Datasheet
90Kb / 1P
M 2,54 DRC-Q, 20-polig
105102480001 ERNI-105102480001 Datasheet
87Kb / 1P
M 2,54 DRC-Q, 20-polig
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com