Electronic Components Datasheet Search
  English  ▼

X  

C7020 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C7020
Description  CCD multichannel detector head
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7020 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C7020 Datasheet HTML 1Page - Hamamatsu Corporation C7020 Datasheet HTML 2Page - Hamamatsu Corporation C7020 Datasheet HTML 3Page - Hamamatsu Corporation C7020 Datasheet HTML 4Page - Hamamatsu Corporation C7020 Datasheet HTML 5Page - Hamamatsu Corporation C7020 Datasheet HTML 6Page - Hamamatsu Corporation C7020 Datasheet HTML 7Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CCD multichannel detector head
C7020, C7021, C7025
I Absolute maximum ratings
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply voltage (for digital circuitry)
VD1
-0.5
-
+7
VA1+
-
-
+18
VA1-
-
-
-18
Supply voltage (for analog circuitry)
VA2
-
-
+30
VD2
--
+7
Vp-
-
+7
Supply voltage *3
VF
--
+14
Digital input voltage
-
-
-
VD (1, 2)
V
C7020
0
-
+50
Operating temperature
C7021, C7025
Topr
+10
-
+35
C7020
-20
-
+70
Storage temperature
C7021, C7025
Tstg
0
-
+70
°C
I Electrical characteristics
(Ta=25 °C, VD1=+5 V, VA1+=+15 V, VA1-= -15 V, VA2=+24 V, VD2=+5 V, Vp=+5 V, VF=+12 V, unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
High level
VIH
+2.0
-
+VD
V
Digital input
Low level
VIL
-0.5
-
+0.8
V
CLK frequency
fclk
-
-
1
MHz
Data video readout frequency
fv
-
-
fCLK/4
Hz
Start pulse width
tst
1/fCLK
-
-
s
High level (Io= -6 mA)
VIH
+2.0
-
-
V
Digital output
Low level (Io=+6 mA)
VIL
--
+0.8
V
Power supply operating conditions
Digital circuitry
VD
+4.75
+5.0
+5.25
V
VA1+
+14.5
+15.0
+15.5
V
VA1-
-14.5
-15.0
-15.5
V
Analog circuitry
VA2
+23.5
+24.0
+24.5
V
VD2
+4.75
+5.0
+5.25
V
Vp
+4.75
+5.0
+5.25
V
Voltage
Other
VF
+11.75
+12.0
+12.25
V
VD1 (+5 VDC)
-
-
-
+200
mA
VA1+ (+15 VDC)
-
-
-
+100
mA
VA1- (-15 VDC)
-
-
-
-100
mA
VA2 (+24 VDC)
-
-
-
+30
mA
VD2 (+5 VDC) *3
---
+30
mA
Ta=10 °C
-
-
+0.8
+2.5
A
Ta=20 °C
-
-
+1.4
+2.5
A
Ta=30 °C
-
+1.8
+2.5
A
Vp (+5 DC) *3
Ta=35 °C
-
-
+2.2
+2.5
A
Current
VF (+12 VDC) *3
-
-
+100
-
mA
I Electrical and optical characteristics
(Ta=25 °C, Ts= -10 °C, VD1=+5 V, VA1+=+15 V, VA1-= -15 V, VA2=+24 V, VD2=+5 V, Vp=+5 V, VF=+12 V, unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Spectral response range
l
-
400 to
1100
-nm
Vertical
150,000
300,000
-
Full well capacity
Horizontal
Fw
300,000
600,000
-
e-
Conversion gain *4
Sv
-
15
-
µV/e-
Dark current *5
DS
-
15
45
e-/pixel/s
Readout noise
Nr
-
20
-
e-rms
Dynamic range
DR
-
30,000
-
-
Photo response non-uniformity *6
PRNU
-
-
±10
%
*3: C7021, C7025
*4: Including the circuit gain.
*5: At MPP mode. Vertical register value. The actual value equals the sum of the vertical direction because of the binning
operation.
*6: Measured at 50 % of the full well capacity.
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com