Electronic Components Datasheet Search
  English  ▼

X  

C7180 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C7180
Description  CCD multichannel detector head
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7180 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C7180 Datasheet HTML 1Page - Hamamatsu Corporation C7180 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CCD multichannel detector head
C7180, C7181
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2003 Hamamatsu Photonics K.K.
Cat. No. KACC1068E03
May 2003 DN
s Dimensional outlines (unit: mm)
s Block diagram (C7181)
KACCC0158EA
s Specifications (C7181)
·External input signal
: HCMOS; clock signal, scan setting signal
·External control signal : HCMOS; gain switching, cooling ON/OFF
·Analog signal
: video signal (0 to +10 V), cooling temperature display voltage (0 to 1.5 V)
·Power supply
: +5 V, +/-15 V, +12 V, +24 V
LED
TH.H
P+
P-
TH+
TEMPERATURE CONTROLLER *
TIMING
GENERATOR
D. GND
A. GND
CLK
Start
Trigger
EOS
TE-COOLER
VDD
CCD AREA IMAGE SENSOR
S7171-0909
BUFFER
LOW PASS
FILTER
Data Video
PREAMP
DRIVER
REGULATOR
VEE
CLAMP
OD
RD, ISV, ISH
OG
IG1H, IG2H
IG1V, IG2V
P1V, P2V, TG
P1H, P2H
SG
RG
SS
OS
TH-
Mode Select
Vp (+5V)
P. GND
VD2 (+5V)
D. GND
VF (+12V)
F. GND
Temp Monitor
INVERTER
Cooling Control
VD1 (+5V)
VA1+ (+15V)
VA1- (-15V)
VA2 (+24V)
* C7180 does not include the temperature controller and TE-cooler.
100.0
77.0
FOCAL
PLANE
62.0
11.0
50.0
(4 ×) M3 DEPTH 4
FOCAL
PLANE
2.9
0.5
100.0
62.0
11.0
50.0
(4 ×) M3 DEPTH 4
FOCAL
PLANE
FOCAL
PLANE
2.7
0.5
0.3
KACCA0107EB
KACCA0108EC
C7181
C7180
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com