Electronic Components Datasheet Search
  English  ▼

X  

C7190 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C7190
Description  Electron Bombardment CCD Cameras
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7190 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C7190 Datasheet HTML 1Page - Hamamatsu Corporation C7190 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Max.1200
times gain
,D=8
4-M 3
±2
160
±0.5
4.1
±1
66
±0.5
18
±1
40
±1
40
±1
90
±3
12
C7190
EB-CCD CAMERA
D=6
1-32UN C-mount
1/4-20UNC,D=8
±2
200
±1
262
MIN
MAX
-
0
POWER
C8000
CCD CAMERA CONTROLLER
REMOTE
GAIN
OFFSET
CONTRAST ENHANCEMENT
TV
OVER
NORM
VIDEO
LEVEL
SET UP
BG
RECUR
SET UP
383
±1
325
±1
25
±1
3
±0.5
DUAL MODE COOLED CCD CAMERA
C4880
POWER
GAIN
CONTRAST ENHANCEMENT
MIN
MAX
OFFSET
–
0
SELECT
RETURN
MENU
SUB
MENU
350
±1
412
±1
qC7190-11W, -12W, -13W
qC7190-21, -23
±2
285
±2
23
±1
333
Cat. No. SICS1050E07
DEC/2002 HPK
Created in Japan (PDF)
CCD Structure
Back thinned full frame transfer CCD
Back thinned frame transfer CCD
Total no. of pixels
512(H)
× 512(V)
680(H)
× 1000(V)
Effective no. of pixels
512(H)
× 512(V)
658(H)
× 490(V)
Cell size
24
µm × 24 µm
14
µm × 14 µm
Effective area
12.3 mm
× 12.3 mm / 1- inch format
8.96 mm
× 6.72 mm / 2/3-inch format
Full well capacity
150,000 electrons (typ.)
65,000 electrons (typ.)
Readout noise
15 electrons r.m.s. (slow scan)
—
CCD Dark current
8 electrons/pixel/sec at -25˚C
—
Frame rate
Slow scan: 3 Hz
Non-interlace 30 Hz
High scan: 5 Hz
Interlace 60 Hz
A/D converter
Slow scan: 12 bit
10 bit
High scan: 12 bit
Gate function
10
µsec
Gain
to 1200 times
600 to 700 times
Sensitivity control
Possible
Possible
Low: 36 electrons/count
System gain
High: 15 electrons/count
—
Super High: 4 electrons/count
Cooling temperature
-25 ˚C
Ambient temperature
Photocathode
Sensor structure
Proximity focused type
Proximity focused type
Data output
RS-422 digital out
RS-644 digital out and RS-170A out, SCSI out (optional)
Camera controller
RS-232C
RS-232C and SCSI (optional)
• Dual mode readout
• Real time background subtraction
Functions
• Contrast enhancement
• Recursive filter
(2, 4, 8, 16, 32, 64 frame selectable)
• Contrast enhancement
❚
SPECIFICATIONS
❚ DIMENSIONAL OUTLINES (Unit: mm)
• Camera head (approx. 4.5 Kg)
• Camera controller (approx. 10 Kg)
• Camera head (approx. 1.4 Kg)
• Camera controller (approx. 4.6 Kg)
Homepage Address http://www.hamamatsu.com
5 Product and software package names noted in this documentation are trademarks or registered trademarks of their respective manufacturers.
q
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
.
q
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications and external appearance are subject to change without notice..
© 2002 Hamamatsu Photonics K.K.
ISO 9001
Certificate: 09 105 79045
HAMAMATSU PHOTONICS K.K., Systems Division
812 Joko-cho, Hamamatsu City, 431-3196, Japan, Telephone: (81)53-431-0124, Fax: (81)53-435-1574, E-mail:export@sys.hpk.co.jp
U.S.A. and Canada: Hamamatsu Photonic Systems: 360 Foothill Road, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1)908-231-1116, Fax: (1)908-231-0852, E-mail: usa@hamamatsu.com
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658, E-mail: info@hamamatsu.de
,
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10, E-mail: infos@hamamatsu.fr
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10Tewin Road, Welwyn Garden City, Hertfordshire, AL7 1BW, U.K., Telephone: (44) 1707-294888, Fax: (44) 1707-325777, E-mail: info@hamamatsu.co.uk
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 Solna, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01, E-mail: info@hamamatsu.se
-
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Mois, 1/E 20020 Arese (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741, E-mail: info@hamamatsu.it
Type. Number
C7190-11W
C7190-12W
C7190-13W
C7190-21
C7190-23
S-20
GaAs
GaAsP
GaAsP
S-20
200 to 250 times
(Note: The following functions are not effective with RS-644 digital output)
—
120±0.5
C-mount
50±0.2
7.2 (C-mount)
261±1
4-M4 D=6
1/4-20UNC D=6
2-M6 D=6
33
30±0.2
30±0.2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com