Electronic Components Datasheet Search
  English  ▼

X  

LD1026 Datasheet(PDF) 1 Page - Marl International Limited

Part # LD1026
Description  High Power Constant Current LED Driver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

LD1026 Datasheet(HTML) 1 Page - Marl International Limited

  LD1026 Datasheet HTML 1Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INDUSTRIES CORP. 5625-A S. Arville, Las Vegas, NV 89118 Tel:702-364-9998 Fax: 702-364-1562 www.magtechind.com Anz139
#1007,18AWG
BLACK(-),RED(+)
DC OUTPUT
DC INPUT
#1007,18AWG
BLACK(-)
LD1026-XX-Cnnnn
WHITE(+)
LED Driver
High Power Constant Current LED Driver
LD1026 Series
Total Power
25 Watts max.
Input Voltages
10 – 30VDC
Number of Outputs
One
Product Specifications
ANZ#: Z139, September 29, 2006
Features :
Applications :
DC Output with Constant Current,
LED Signage
Outdoor or Indoor use
LED Architectural Lighting
Waterproof Design - IP66,NEMA3
LED Industrial Lighting
For Dry and Damp Locations
LED Channel Letter
Convection Cooled in plastic housing
LED General Luminair
Load share for parallel operation ( Constant Current )
Meet FCC and CE
Three Year Warranty
Specifications :
Input Range : 10 ~ 30 VDC / 3.5A
MTBF(@25
°C) : >100,000 Hours,MIL-217F
Efficiency : 85% Typical
EMC meet : FCC , CE
Protection : OPP,SCP - Auto Recovery
Dimension : 85(L),35(W),23(H) mm +/- 0.5mm
Operation Temp. : -30
~ +50
°C, Tc : 70°C
Weight : 120 Grams Typical
Storage Temp. : -40
°C ~ +85°C
Model Listing :
DC Output
Output Current
Watts
DC Output (Vf)
DC Output
Watts
Model
Constant
Voltage
Max.
Max.
Model
Forward Voltage
Constant
Current
Max.
LD1026-36
36V ± 5%
700mA
25W
LD1026-36-C0700
2 ~ 36V
700mA ± 5%
25W
LD1026-24
24V ± 5%
1050mA
25W
LD1026-24-C1050
2 ~ 24V
1050mA ± 5%
25W
LD1026-18
18V ± 5%
1400mA
25W
LD1026-18-C1400
2 ~ 18V
1400mA ± 5%
25W
LD1026-12
12V ± 5%
2100mA
25W
LD1026-12-C2100
2 ~ 12V
2100mA ± 5%
25W
Mechanical Drawing :
IP66


Similar Part No. - LD1026

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LD1026 ETC1-LD1026 Datasheet
34Kb / 1P
High Power Constant Current LED Driver
LD1026-12 ETC1-LD1026-12 Datasheet
34Kb / 1P
High Power Constant Current LED Driver
LD1026-18 ETC1-LD1026-18 Datasheet
34Kb / 1P
High Power Constant Current LED Driver
LD1026-24 ETC1-LD1026-24 Datasheet
34Kb / 1P
High Power Constant Current LED Driver
LD1026-36 ETC1-LD1026-36 Datasheet
34Kb / 1P
High Power Constant Current LED Driver
More results

Similar Description - LD1026

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC1512 ETC1-CC1512 Datasheet
64Kb / 2P
High Power Constant Current LED Driver
LD1026 ETC1-LD1026 Datasheet
34Kb / 1P
High Power Constant Current LED Driver
LD-CUANDLD-PI ETC1-LD-CUANDLD-PI Datasheet
39Kb / 1P
High Power Constant Current LED Driver
LP4100 ETC1-LP4100 Datasheet
138Kb / 2P
High Power Constant Current LED Driver
logo
Marl International Limi...
CC1512 MARL-CC1512 Datasheet
64Kb / 2P
High Power Constant Current LED Driver
LD1007 MARL-LD1007 Datasheet
116Kb / 1P
High Power Constant Current LED Driver
LD-CUANDLD-PI MARL-LD-CUANDLD-PI Datasheet
39Kb / 1P
High Power Constant Current LED Driver
CC1512 MARL-CC1512_15 Datasheet
64Kb / 2P
High Power Constant Current LED Driver
LD1007 MARL-LD1007_15 Datasheet
116Kb / 1P
High Power Constant Current LED Driver
LD1026 MARL-LD1026_15 Datasheet
34Kb / 1P
High Power Constant Current LED Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com