Electronic Components Datasheet Search
  English  ▼

X  

C7339 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C7339
Description  Position Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7339 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C7339 Datasheet HTML 1Page - Hamamatsu Corporation C7339 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• Subject to local technical requirements and regulations, availability of products included in this promotional material may vary.
Please consult with our sales office.
• Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies
or omissions. Specifications and external appearance are subject to change without notice.
© 1999 Hamamatsu Photonics K.K.
Homepage Address http://www.hamamatsu.com
HAMAMATSU PHOTONICS K.K., Systems Division
812 Joko-cho, Hamamatsu City, 431-3196, Japan, Telephone: (81)53-431-0124, Fax: (81)53-435-1574, E-mail:export@sys.hpk.co.jp
U.S.A. and Canada: Hamamatsu Photonic Systems: 360 Foothill Road, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1)908-231-1116, Fax: (1)908-231-0852
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: Lough Point, 2 Gladbeck Way, Windmill Hill, Enfield, Middlesex EN2 7JA, United Kingdom, Telephone: (44)181-367-3560, Fax: (44)181-367-6384
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 Solna, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E 20020 Arese (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741
Cat. No. SIMS1004E01
FEB/99 CR
Created in Japan (PDF)
OTHER APPLICATIONS
• Surface Flatness Measurement
• Solar Tracking Systems
CONFIGURATION
Sensor head (C7339-01) ....................... 1
Controller (C7339-0X*) .......................... 1
AC cable (2m) ........................................ 1
Head connecting cable (5m) .................. 1
Signal cables (BNC-BNC, 3m) .............. 2
Fuses (1A) ............................................. 3
Line voltage * X = 2 ......................... 100V
3 .......................... 117V
4 .......................... 220V
5 .......................... 240V
OPTIONAL
Metal interference filters
Filter adapter
SPECIFICATIONS
Detector
Non-discrete position-sensitive detector
(Hamamatsu S1880-03)
Useful sensitive area (Fig.1)
10
× 10mm
Lens mount
C mount
Output voltage: X-axis
– 5 to + 5V
Y-axis
– 5 to + 5V
Output impedance
500
Ω ± 10%
Response speed (Fig.2)
Within 20
µs
Recommended measurement light level
Light level (
∑) = 8 (Displayed on a level indicator)
Position detection error
Zone A (refer to figure below)
±1.0%, Zone B ±2.0%
Error due to light intensity variations
±1% (Light level (∑) = 8→4)
Resolution (when using a recorder)
1/5000
Jitter
±1.5/1000
Drift
±0.5%/day (after the first 30 minutes)
Operating temperature
0 to +40
°C
Storage temperature
–10 to +50
°C
Operating/storage humidity
Less than 90% (with no condensation)
Line voltage
100/117/220/240VAC
±10%, 50/60Hz
Power consumption
Approx. 30VA
ZONE A
ZONE B
10mm
5mm
INPUT
LIGHT
OUTPUT
VOLTAGE
RISE TIME
FALL TIME
20
µs20µs
10%
90%
RESPONSE
FREQUENCY
0
100HZ 2kHZ
-3dB
Fig.1 Useful Sensitive Area
and Zones A and B
Fig.2 Rise and fall time of the output voltage when a pulsed light is applied to the center
of the sensitive area.
The rise time is the period of time required for the output voltage to rise from 10%
to 90% of its full level.
The fall time is the period required for the output voltage to return from 90% to 10%.
Fig.3 Response frequency of the output
voltage when a spot light is moved
right and left repeatedly while it is
being applied to the sensitive area.
When light with the value on the table at the left is input, "8" appears on the
display indicating the volume of incident light. If strong laser light is used, an
ND filter or similar means should be used to reduce the volume of laser light
to the optimum volume before beginning measurement.
Laser
Wavelength
Input Laser Power
He-Ne Laser
632nm
Approx. 23
µW
Ar Laser
514nm
Approx. 27
µW
40
64
HAMAMATSU
HAMAMATSU
POSITION SENSOR SYSTEM
C7339
POWER
HIGH
LEVEL
SENSOR HEAD
SIGNAL OUT
X DATA
Y DATA
LOW
X DATA
POWER
1.11
Y DATA
1.11
5.5
LINE
232
227
DIMENTIONAL OUTLINE (UNIT:mm)
• Sensor head (Weight: Approx. 140g)
• Controller (Weight: Approx. 3.87kg)
OPTIMUM INPUT LASER POWER
ISO 9001/ISO 13485
EN 46001
Certificate: 09 105 79045



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com