Electronic Components Datasheet Search
  English  ▼

X  

C7885 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C7885
Description  Driver circuit for NMOS linear image sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7885 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C7885 Datasheet HTML 1Page - Hamamatsu Corporation C7885 Datasheet HTML 2Page - Hamamatsu Corporation C7885 Datasheet HTML 3Page - Hamamatsu Corporation C7885 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Driver circuit for NMOS linear image sensor
C7885 series
I Timing chart
MASTER CLOCK CLK
MASTER START Start
START
st
CLOCK
1
CLOCK
2
RESET
CLAMP
Trigger
VIDEO OUTPUT Data Video
END OF SCAN EOS
KACCC0120EA
Terminal No.
Terminal name
Description
1
A. GND
Analog ground
2
+12 V or +15 V
Power supply
3
A. GND
Analog ground
4
NC
No connection
5
A. GND
Analog ground
6
Data Video
Analog video signal output; positive polarity
7
A. GND
Analog ground
8
A. GND
Analog ground
9
D. GND
Digital ground
10
EOS
Digital output signal indicating end of scan; negative logic
11
D. GND
Digital ground
12
Trigger
Digital output signal for A/D conversion; positive logic
13
D. GND
Digital ground
14
CLK
Digital input signal for operating the circuit at the rising edge (in case of
C7885G, output signal)
15
D. GND
Digital ground
16
Start
Digital input signal for initializing the circuit; positive logic. (in case of
C7885G, output signal)
Interval of these pulses equals the integration time of the sensor.
I Dimensional outlines and input/output signal descriptions (unit: mm)
(2 ×) 3.6
63.5
55.88
16
15
2
1
(4 ×) C3
7.62
7.62
KACCA0086EA
C7885
55.88
63.5
1.6
10.0
1.6
(2 ×) 3.6
(4 ×) C3
7.62
7.62
KACCA0106EA
C7885G
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com