Electronic Components Datasheet Search
  English  ▼

X  

DM106 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DM106
Description  Precision wire wound potentiometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM106 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DM106 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 82-32-817-4325
Resistors And
Fax: 82-32-817-4329
Resistive Applications
Web: http://www.raraohm.com
Email: sg@raraohm.com
Date: 2013-03-05
Copyright©RARA Electronics Corp.
TYPE DM 106 and DM 107
Precision wire wound potentiometer
Description:
Climatic category:
25/085/21
Power:
0.75 W
Rated resistance:
220 – 470
Ω, 1 – 2.2 – 4,7 – 10 – 22 – 47 kΩ
Resistance tolerance:
± 2,5 %; ± 5 %; ± 10 %;
Resistance linear:
± 0,05 %; ±0,1 %; ± 0,15 %; ±0,25; ± 0,5 % Rn
Voltage limit:
100 V AC
Mechanical angle:
3600 ° ± 10 ° (10 times turned)
Packing:
The potentiometers are supplied in bulk backing in plastic bags and in a carton box.


Similar Part No. - DM106

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
DM106E MPD-DM106E Datasheet
217Kb / 2P
UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
DM106E MPD-DM106E Datasheet
245Kb / 2P
DM100E SERIES
More results

Similar Description - DM106

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3590 BOURNS-3590 Datasheet
241Kb / 1P
Precision Potentiometer
3500S-1-102L BOURNS-3500S-1-102L Datasheet
231Kb / 2P
Precision Potentiometer
logo
Tyco Electronics
UPW15 MACOM-UPW15 Datasheet
373Kb / 2P
Ultra Precision Wire-Wound Resistors
logo
List of Unclassifed Man...
DG ETC-DG Datasheet
99Kb / 1P
Precision wire wound potentiometer
DOW101 ETC-DOW101 Datasheet
68Kb / 1P
Precision wire wound potentiometer
GG102A ETC-GG102A Datasheet
598Kb / 1P
PRECISION WIRE WOUND RESISTORS
T56E ETC-T56E Datasheet
907Kb / 2P
PRECISION WIRE WOUND RESISTORS
5G10A ETC-5G10A Datasheet
557Kb / 1P
PRECISION WIRE WOUND RESISTORS
8G16 ETC-8G16 Datasheet
682Kb / 1P
Precision Wire Wound Resistors
PWR0.5 ETC-PWR0.5 Datasheet
757Kb / 1P
Precision Wire Wound Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com