Electronic Components Datasheet Search
  English  ▼

X  

K200260 Datasheet(PDF) 1 Page - E-SWITCH

Part # K200260
Description  TERMINAL AND CONTACTS: GOLD PLATED COPPER ALLOY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

K200260 Datasheet(HTML) 1 Page - E-SWITCH

  K200260 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
KO130GA126
1:1
8/14/2006
K200260
C
BO
1
1
2
3
4
CIRCUIT: SP (45°/45° INDEXING)
CONTACT CONFIGURATION
SWITCH FUNCTION
CONNECTED TERMINAL #
POS. 2POS. 3POS. 4
7-8
8-1
1-2
LEGEND
= Detent positions
= Key pull possible in these positions
C
16303
REDRAWN INTO INVENTOR FORMAT
8/14/06
BO
NOTES:
1. ALL DIMENSIONS IN MM[INCH]
2. GENERAL TOLERANCE: X.X =
`0.4
X.XX =
`0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. RATING: 4A @ 125VAC, 2A @ 250VAC
5. CONTACT RESISTANCE: 10 milli-OHMS MAX.
6. DIELECTRIC STRENGTH: 1,500 VAC-1Minute
7. MATERIALS:
HOUSING: NICKEL PLATED ZINC ALLOY
CYLINDER: NICKEL PLATED ZINC ALLOY
TERMINAL AND CONTACTS: GOLD PLATED COPPER ALLOY
KEYS (2): BRASS
8. 2002/95/EC (ROHS) COMPLIANT
2.03
[.080 in]TYP.
16.00
[.630 in] FLAT
27
8
1
6.50
[.256 in]
n22.00
[.866 in]
n15.60
[.614 in]
POS.
3
POS.
4
POS.
2
45.0°
n12.50
[.492 in]
34.50
[1.358 in]
45.0°
M19 X 1.0 THD.
22.50
[.886 in]
16.20
[.638 in]
R9.50
[.374 in]
RECOMMENDED PANEL LAYOUT
22.5°
45.0°


Similar Part No. - K200260

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
K200261 E-SWITCH-K200261 Datasheet
87Kb / 1P
Silver Plated CU
K200262 E-SWITCH-K200262 Datasheet
69Kb / 1P
Silver Plated CU
K200263 E-SWITCH-K200263 Datasheet
40Kb / 1P
Silver Plated CU
K200264 E-SWITCH-K200264 Datasheet
40Kb / 1P
Silver Plated CU
K200265 E-SWITCH-K200265 Datasheet
40Kb / 1P
Silver Plated CU
More results

Similar Description - K200260

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
7057 POMONA-7057 Datasheet
167Kb / 2P
Gold plated center contacts.
logo
Japan Aviation Electron...
DC20-22S-PKG100 JAE-DC20-22S-PKG100 Datasheet
118Kb / 1P
COPPER ALLOY
logo
List of Unclassifed Man...
UTL1103G1S ETC2-UTL1103G1S Datasheet
164Kb / 1P
Brass alloy Nickel and Gold plated
logo
Skyworks Solutions Inc.
SKY77526 SKYWORKS-SKY77526 Datasheet
64Kb / 2P
Gold-plated, lead-free contacts
logo
E-SWITCH
38-RR11131100246 E-SWITCH-38-RR11131100246 Datasheet
70Kb / 1P
Silver Alloy Plated Copper
logo
Amphenol Corporation
P-U77-AX11X-XX0X AMPHENOL-P-U77-AX11X-XX0X Datasheet
337Kb / 6P
COPPER ALLOY
P-U77-AX61M-X071 AMPHENOL-P-U77-AX61M-X071 Datasheet
695Kb / 10P
COPPER ALLOY
logo
Pasternack Enterprises,...
PE6181 PASTERNACK-PE6181_17 Datasheet
354Kb / 3P
SMP Female Input Gold Plated Beryllium Copper
logo
Shanghai Leiditech Elec...
SMD1206P260TF LEIDITECH-SMD1206P260TF Datasheet
513Kb / 4P
Terminal pad materials :Tin-Plated Nickle-copper
SMD2920P250TF-24 LEIDITECH-SMD2920P250TF-24 Datasheet
1Mb / 3P
Terminal pad materials :Tin-Plated Nickle-copper
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com