Electronic Components Datasheet Search
  English  ▼

X  

MBH5000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MBH5000
Description  Mini Braking High Power Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MBH5000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MBH5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers MBH5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: 82-32-817-4325
Resistors And
Fax: 82-32-817-4329
Resistive Applications
Website: http://www.raraohm.com Email: sg@raraohm.com
June 5th, 2014
Mini Braking High Power Resistors [Preliminary]
The MBH/V models are metal-clad, compact high-power resistors designed for industrial and other
applications. Our extruded aluminum housing provides rugged and strong protection. These models are
specially constructed for overload pulses. They have a thermostat and terminal box as optional. The most
common applications for these models are: motor drives, braking and snubber applications and power
sources for industrial equipment.
■ GENERAL SPECIFICATIONS
Model
Rated Power @25C [W]
Pulse Power [Kw]
Resistance
range[
Ω]
Tolerance[%]
*ED5%
*ED10%
*ED20%
*ED40%
MBH/V 3000
1100
17.5
8.5
4.5
2.0
0.4 ~ 150
J[±5%]
K[±10%]
MBH/V 3600
1300
20
10
5.5
2.5
0.5 ~ 170
MBH/V 5000
1500
24
12
6.0
3.0
0.6 ~ 180
MBH/V 7200
2000
32
16
8.0
4.0
0.7 ~ 200
MBH/V 9600
2500
40
20
10
5.0
0.8 ~ 220
MBH/V 10800
2900
46
23
11.5
6.0
1.0 ~ 240
* Referred to a cycle duration of 120s
■ CHARACTERISTICS
Insulation Resistance
20M
Ω minimum
Dielectric Strength
Available options : AC1500V,2500V,3500V for 1minute,Max leakage current: 2mA
Temperature Coefficient
±260ppm/C
Short Time Overload
±[5%+0.05
Ω]
5 - 10 X Power rating - in 5~10seconds
Moisture Resistance
±[3%+0.05
Ω]
40C, 95% RH, DC100V case to terminal (500hrs.)
Thermal Shock
±[3%+0.05
Ω]
Power rating 30min., -40C, 15minutes
Moisture Load Life
±[3%+0.05
Ω]
40C,95%RH,0.1Xpower rating, 1.5h.on,30min.off,500 hours
Load Life
±[5%+0.05
Ω]
Power rating 1.5h. on, 30min. off, 500hours
■ SURFACE TEMPERATURE INCREASE VERSUS POWER LOAD & DERATING CURVE
■ MBH DIMENSIONS [mm]
Model
L1±2
L2±2
Weight [Kg]
MBH 3000
330
264
7.2
MBH 3600
400
334
8.2
MBH 5000
460
394
9.0
MBH 7200
560
494
10.5
MBH 9600
660
594
12
MBH 10800
760
694
13.5


Similar Part No. - MBH5000

ManufacturerPart #DatasheetDescription
logo
MMD Components
MBH5 MMD-MBH5 Datasheet
87Kb / 2P
RoHS Compliant Available
More results

Similar Description - MBH5000

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WRM WELWYN-WRM Datasheet
705Kb / 3P
Mini Melf Resistors
logo
Tyco Electronics
SQPW201R0F MACOM-SQPW201R0F Datasheet
255Kb / 3P
High Power Resistors
1773285 MACOM-1773285 Datasheet
255Kb / 3P
High Power Resistors
SQMR510KJ MACOM-SQMR510KJ Datasheet
255Kb / 3P
High Power Resistors
logo
IXYS Corporation
VGB0124AY7A IXYS-VGB0124AY7A Datasheet
26Kb / 2P
Braking Rectifier
logo
List of Unclassifed Man...
MBVA14400 ETC-MBVA14400 Datasheet
257Kb / 1P
Mini Braking High Power Resistor Assemblies
logo
RHOPOINT COMPONENTS
BRK-10R0-10-L RHOPOINT-BRK-10R0-10-L Datasheet
187Kb / 4P
High Load and Braking Resistors
BRM-10R0-10-L RHOPOINT-BRM-10R0-10-L Datasheet
175Kb / 4P
High Load and Braking Resistors
BRQ-10R0-10-L RHOPOINT-BRQ-10R0-10-L Datasheet
178Kb / 4P
High Load and Braking Resistors
logo
List of Unclassifed Man...
DBRI-EW16K ETC1-DBRI-EW16K Datasheet
711Kb / 2P
Dynamic Braking Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com