Electronic Components Datasheet Search
  English  ▼

X  

C8061 Datasheet(PDF) 7 Page - Hamamatsu Corporation

Part # C8061
Description  InGaAs multichannel detector head
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C8061 Datasheet(HTML) 7 Page - Hamamatsu Corporation

Back Button C8061 Datasheet HTML 2Page - Hamamatsu Corporation C8061 Datasheet HTML 3Page - Hamamatsu Corporation C8061 Datasheet HTML 4Page - Hamamatsu Corporation C8061 Datasheet HTML 5Page - Hamamatsu Corporation C8061 Datasheet HTML 6Page - Hamamatsu Corporation C8061 Datasheet HTML 7Page - Hamamatsu Corporation C8061 Datasheet HTML 8Page - Hamamatsu Corporation C8061 Datasheet HTML 9Page - Hamamatsu Corporation C8061 Datasheet HTML 10Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
InGaAs multichannel detector head
C8060/C8061/C8062-01
I Pin assignment of “signal I/O” connector
15-pin D-sub connector
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Pin No.
Terminal name
Description
1
Cf SEL
Digital Input signal used to select conversion gain of charge amplifier in InGaAs image sensor.
HCMOS compatible.
High level or left open: Low gain (0.3 V/pc)
Low level: High gain (6 V/pc)
2
Data video
Analog video output. Positive polarity
3VA1+ (+15 V)
Analog power supply.
4
VA1- (-15 V)
Analog power supply.
5VD1 (+5 V)
Digital power supply.
6
Start
Digital input signal for initializing the circuit.
HCMOS compatible. Positive logic.
7CLK
Digital input signal for operating the circuit.
HCMOS compatible.
Rising edge operation.
8
EOS
Digital input signal for indicating end-of-scan of the image sensor.
HCMOS compatible. Negative logic.
9
A. GND
Analog ground.
10
A. GND
Analog ground.
11
NC
No Connection.
12
D. GND
Digital ground.
13
D. GND
Digital ground.
14
D. GND
Digital ground.
15
Trigger
Digital output signal for A/D conversion.
HCMOS compatible. Positive logic.
KACCC0069EA
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com