Electronic Components Datasheet Search
  English  ▼

X  

PC199 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PC199
Description  THICK FILM ROTARY POTENTIOMETER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PC199 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PC199 Datasheet HTML 1Page - List of Unclassifed Manufacturers PC199 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: 82-32-817-4325
Resistors And
Fax: 82-32-817-4329
Resistive Applications
Web: http://www.raraohm.com
Email: sg@raraohm.com
Date: 2012-12-12
Copyright©RARA Electronics Corp.
PC199
THICK FILM ROTARY POTENTIOMETER
TYPE PC (P)-199(R)
Description
The PC-199 is a thick film layer resistance rotary potentiometer mounted on a ceramic base. The actuating device
is an isolated rotor with a carbon wiper, operated by a metal shaft. The resistance element is shielded
by a metal housing.
The terminal “a” and “c” (see fig.) are the end terminals; “b” is a central terminal connected to the slider. Terminals
can be pins for direct mounting at circuit board (PC) or solder tags for cables (PCP). Potentiometers with additional
marking “R” are for significently higher running torque. The PC-199 is manufactured with linear characteristic (A)
and can be as standard or hermetic version (H) – on request.
Applications
PC-199 potentiometers are predestined for control function where high dissipation and high stability are necessary,
in industrial control devices.
Quick Reference Data
Resistance range:
100ohms to 2.2Mohms
Power dissipation:
1W
Limiting voltage
350V
Climatic category:
55/100/56
Specifications:
Parameter
Value
Rated resistance RN
According to the series E6
(1 - 1, 5 - 2, 2 - 3, 3 - 4, 7 - 6, 8 - 10 etc.)
Resistance tolerance (%)
±20% for RN
≤ 470kΩ
±30% for RN
> 470kΩ
±10% on request
Resistance range: A (linear) (Ω)
100 ÷ 4,7M
Power dissipation PN at T= 40°C: (W)
1,0
Voltage limit: (V)
350
Rotational life (Cycles)
100000
Climatic category
55/100/56
Mechanical angle
240° ±10°
Electrical angle
230° ±10°
Packing:
The potentiometers are supplied in bulk backing in a plastic bags and in a carton box.


Similar Part No. - PC199

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
PC1908DE-21 PDI-PC1908DE-21 Datasheet
67Kb / 1P
DROP-IN CIRCULATOR
PC1908DE-21H PDI-PC1908DE-21H Datasheet
86Kb / 1P
DROP-IN CIRCULATOR
PC1960DE-21 PDI-PC1960DE-21 Datasheet
64Kb / 1P
DROP-IN CIRCULATOR
PC1960DE-21H PDI-PC1960DE-21H Datasheet
85Kb / 1P
DROP-IN CIRCULATOR
PC1960DG-21 PDI-PC1960DG-21 Datasheet
60Kb / 1P
DROP-IN CIRCULATOR
More results

Similar Description - PC199

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
R09A11H21 PRODUCTWELL-R09A11H21_14 Datasheet
334Kb / 2P
ROTARY POTENTIOMETER
R10A1MH01 PRODUCTWELL-R10A1MH01_14 Datasheet
250Kb / 2P
ROTARY POTENTIOMETER
R10A12V01 PRODUCTWELL-R10A12V01_14 Datasheet
270Kb / 2P
ROTARY POTENTIOMETER
R12A11V01 PRODUCTWELL-R12A11V01_14 Datasheet
297Kb / 2P
ROTARY POTENTIOMETER
R12712BS1 PRODUCTWELL-R12712BS1_14 Datasheet
1Mb / 1P
ROTARY POTENTIOMETER
R12723BS1 PRODUCTWELL-R12723BS1_14 Datasheet
1Mb / 1P
ROTARY POTENTIOMETER
R12723CS1 PRODUCTWELL-R12723CS1_14 Datasheet
1Mb / 1P
ROTARY POTENTIOMETER
R16311DB1 PRODUCTWELL-R16311DB1_14 Datasheet
128Kb / 2P
ROTARY POTENTIOMETER
R16311EB1 PRODUCTWELL-R16311EB1_14 Datasheet
125Kb / 2P
ROTARY POTENTIOMETER
logo
List of Unclassifed Man...
CW18 ETC-CW18 Datasheet
70Kb / 2P
THICK FILM CERMET ROTARY POTENTIOMETER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com