Electronic Components Datasheet Search
  English  ▼

X  

C8855 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C8855
Description  USB INTERFACE COMPATIBLE COUNTING UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C8855 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C8855 Datasheet HTML 1Page - Hamamatsu Corporation C8855 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Windows ® is a registered trademark of Microsoft Corporation in the United States and/or other countries.
Lab VIEW ™ is a trademark of National Instruments, Inc.
Other product and software names mentioned herein may be either registered trademarks or trademarks of their respective owners.
TPHO1021E01
JAN. 2003 IP
SPECIFICATIONS
BLOCK DIAGRAM
DIMENSIONAL OUTLINES (Unit: mm)
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2002 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
HAMAMATSU PHOTONICS K.K., Electron Tube Center
314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 E-mail: info@hamamatsu.de
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 E-mail: infos@hamamatsu.fr
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road Welwyn Garden City Hertfordshire AL7 1BW, United Kingdom, Telephone: 44-(0)1707-294888, Fax: 44(0)1707-325777 E-mail: info@hamamatsu.co.uk
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 SOLNA, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01 E-mail: info@hamamatsu.se
Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741 E-mail: info@hamamatsu.it
WEB SITE http://www.hamamatsu.com
Input
Counter
Counter Gate
Trigger
General Output Section
Voltage Output
Compatible OS
Interface
Supply Voltage
Dimensions
Weight
Operating Ambient Temperature / Humidity
Storage Temperature / Humidity
AC Adapter
Number of Input Signals
Signal Input Level
Signal Pulse Width
Input Impedance
Counter Method
Max.Count Rate
Max.Counter Capacity
Counter Gate Mode
Internal Counter Gate Time
Trigger Method
External Trigger Signal
Input
Output
1 ch
TTL positive logic
8 ns or longer
50
Ω
Double counter method
50 MHz
232 counts/counter gate
Internal counter gate only
50
µs to 10 s (1, 2, 5 step)
Software or external trigger
TTL negative logic
Open collector / 2 bits
+5 V / 200 mA Max.
Windows® 98/98SE/Me/2000
USB (Ver. 1.1)
+5 V / 500 mA Max. (supplied from accessory AC adapter)
(W): 148 mm
× (D): 96 mm × (H): 30 mm (excluding rubber feet and projecting parts)
300 g
+5
°C to +45 °C / 80 % or less (no condensation)
0
°C to +50 °C / 85 % or less (no condensation)
AC 90 V to AC 260 V
7 V / 1.6 A
Description / Value
Parameter
Supplied: CD-ROM (containing instruction manual, device driver, DLL, sample software*, etc.) USB cable, AC adapter, AC cable, power output connector
*: Sample software is configured from Lab VIEW™ of National Instruments, Inc.
: Conforms to the EMC directive (89/336/EEC) and the low voltage directive (73/23/EEC) of the European Union.
TPHOC0050EA
COUNT DATA LINE
CONTROL LINE
IO PORT LINE
USB
INTERFACE
FIFO
COUNTER (A)
COUNTER (B)
CLK
GENERATOR
TIMING
GENERATOR
PULSE
SHAPER
IO PORT
CPU
USB
SIGNAL INPUT
2 BIT OUTPUT
EXTERNAL START
TPHOA0030EA
AC adapter (Supplied)
POWER
ERROR
PMT ON
COUNTING UNIT C8855
4-C2
DC OUT
SIG IN
BNC-R
RESET
BUTTON
DC IN
USB
RECEPTACLE
TRIG IN
BNC-R
148
± 1
65
32.5
15
15
13.9
11.4
11.9
75
1600



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com