Electronic Components Datasheet Search
  English  ▼

X  

C8892 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C8892
Description  NMOS multichannel detector head
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C8892 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C8892 Datasheet HTML 1Page - Hamamatsu Corporation C8892 Datasheet HTML 2Page - Hamamatsu Corporation C8892 Datasheet HTML 3Page - Hamamatsu Corporation C8892 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NMOS multichannel detector head
C8892
I Absolute maximum ratings
Parameter
Symbol
Value
Unit
Supply voltage (analog)
Va
±18
V
Operating temperature
Topr
0 to 50 *
2
°C
Storage temperature
Tstg
-10 to 60 *
2
°C
*2: No condensation
I Electrical characteristics (Ta=25 °C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
Analog
Va
±14.5
±15.0
±15.5
V
Vms (H)
2.0
5.0
-
Voltage
Vms (L)
0
-
0.8
V
Width
tpw
φms
1/f
φmc
-
-
s
Master start
pulse (
φms)
Rise/fall Time
tr
φms, tfφms
-
-
500
ns
Vmc (H)
2.0
5.0
-
Voltage
Vmc (L)
0
-
0.8
V
Frequency
f
φmc
-
-
375
kHz
Width
*3
tpw
φmc
30
-
-
ns
Input
Master clock
pulse (
φmc)
Rise/fall time
tr
φmc, tfφmc
-
-
500
ns
Vst (H)
4.75
5.0
-
Voltage
Vst (L)
0
-
0.4
V
Rise/fall time
tr
φst, tfφst
-
-
100
ns
Start pulse
(
φst)
Width
tpw
φst
-
2/f
φmc
-
s
V1, V2 (H)
4.75
5.0
-
Voltage
V1, V2 (L)
0
-
0.4
V
tr
φ1, trφ2
Clock pulse
(
φ1, φ2)
Rise/fall time
tf
φ1, tfφ2
-
-
100
ns
Clock pulse (
φ1) width
tpw
φ1
-
3/f
φmc
-
s
Clock pulse (
φ2) widthtpwφ2
-
3/f
φmc
-s
Veos (H)
4.75
5.0
-
Voltage
Veos (L)
-
-
0.4
V
Rise/fall time
treos, tfeos
-
-
100
ns
End of scan
pulse
Width
tpweos
-
3/f
φmc
-
s
Vtrig (H)
4.0
5.0
-
Voltage
Vtrig (L)
0
-
0.4
V
Output
*4
Trigger pulse
Rise/fall time
trtrig, tftrig
-
-
100
ns
*3: The operation of 50 % Typ. duty ratio is recommended.
*4: The outputs of start-pulse and clock-pulse are to be obtained from a front part where an image sensor is
installed. The outputs of end-of-scan and trigger-pulse are to be obtained from a back-side part where a
connector for input/output signal is fixed.
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com