Electronic Components Datasheet Search
  English  ▼

X  

UT150 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UT150
Description  Ultra Voltage, High Frequncy Pulse, R&R-c Tank, High Energy.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT150 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UT150 Datasheet HTML 1Page - List of Unclassifed Manufacturers UT150 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel : 82-32-817-4325
Resistors And
Fax : 82-32-817-4329
Resistive Applications
Website : http://www.raraohm.com Email : sg@raraohm.com
UT
Ultra Voltage, High Frequncy Pulse, R&R-c Tank, High Energy.
■
Features
- UT series to meet general set of requirements Ultra high voltage high
energy at reasonable prices.
- To be connection on M4, M6.
- Corona Ring & Cap std.
- A wide range of R-Value & tolerance, TCR available.
- Power Rating Able to build up Mega Jouls Energy System.
- Various Models with Voltage Ratings upto 800kV in oil, 300kV at free air.
■
APPLICATION GUIDE ; UT SERIES
- Automated Test (ATE)
- Medical (Imaging)
- Ion Suurce
- Chromatography (Gas)
- Medical (PET, CT)
- Medical (Radiation Therapy)
- Military, Radar
- Plasmas, Lasers
- Measurements (High Voltage)
- Capacitor Charging
- Microwave (Klystron)
- Medical (Blood Analyzers)
- Corona Generator
- Multichannel Analyzers
- Ozone Generationg
- Detectors Nuclear
- Gamma Cameras
- Electron Beam Testing
- Surface Anlysis
- CRT, X-Ray, MRI
- Electrophoresis
- Image Intensifier
- Surface Analysis
- Piezo. Focusing (Poling)
- High Voltage Dividers
- Stress Testing
- Agricultural Sensors
- Ion Beam
- Arc Furnace Damping
- High Voltage Snubbers
- Pulse Forming Networks
- Energy Research
- EMI
- Tube Arc Protection
■
DIMENSIONS
Model
Dimensions in millimeters
L
B
D
Dia on
Corona Ring,
‘RC’ type
W
T
UT 20
158
±1.5
14
±1.0
15
±1.0
N/A
10
±1.5
M4
UT 35
110
±1.5
31
±1.0
33
±0.5
43
18
±0.5
M6
UT 50
160
±1.5
UT 70
210
±1.5
UT 100
310
±1.5
UT 150
310
±1.5
40
±1.0
45
±1.0
59
21
±0.5
Cap style : ex) UT100 –nc;normal cap type, UT100-rc;Corona Ring & Cap type


Similar Part No. - UT150

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
UT150 WILLOW-UT150 Datasheet
864Kb / 2P
Thicker Film Tubular type Non-Inductive Resistors for Ultra High Voltage, High Energy
logo
Unisonic Technologies
UT150N03 UTC-UT150N03 Datasheet
262Kb / 7P
150A, 30V N-CHANNEL ENHANCEMENT MODE POWER
UT150N04 UTC-UT150N04 Datasheet
192Kb / 6P
150A, 40V N-CHANNEL POWER MOSFET
UT150N04G-TA3-T UTC-UT150N04G-TA3-T Datasheet
192Kb / 6P
150A, 40V N-CHANNEL POWER MOSFET
UT150N04L-TA3-T UTC-UT150N04L-TA3-T Datasheet
192Kb / 6P
150A, 40V N-CHANNEL POWER MOSFET
More results

Similar Description - UT150

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GPZ1275 PROTEC-GPZ1275 Datasheet
116Kb / 3P
HIGH ENERGY - EXTENDED PULSE TVS
GPZ532 PROTEC-GPZ532_07 Datasheet
93Kb / 3P
HIGH ENERGY - EXTENDED PULSE TVS
logo
Green Power Solutions s...
SA0019-XX GPSEMI-SA0019-XX Datasheet
532Kb / 2P
R-C SNUBBER BOARD
logo
KOA Speer Electronics, ...
TFAQ20T KOA-TFAQ20T Datasheet
95Kb / 2P
r/c filter networks
logo
Extech Instruments Corp...
RC100 EXTECH-RC100 Datasheet
107Kb / 8P
R/C SMD Tweezers
logo
Protek Devices
GPZ532 PROTEC-GPZ532_08 Datasheet
70Kb / 3P
HIGH ENERGY - EXTENDED PULSE TVS
GPZ532 PROTEC-GPZ532_12 Datasheet
413Kb / 4P
HIGH ENERGY - EXTENDED PULSE TVS
GPZ1275 PROTEC-GPZ1275_12 Datasheet
404Kb / 4P
HIGH ENERGY - EXTENDED PULSE TVS
logo
Supertex, Inc
MD0100N8-G SUTEX-MD0100N8-G Datasheet
1Mb / 9P
High Voltage Protection T/R Switch
logo
Powerbox
MULTIPLUS POWERBOX-MULTIPLUS Datasheet
115Kb / 2P
I N V E R T E R C H A R G E R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com