Electronic Components Datasheet Search
  English  ▼

X  

C9052 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C9052
Description  Si photodiode evaluation circuit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C9052 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C9052 Datasheet HTML 1Page - Hamamatsu Corporation C9052 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2002 Hamamatsu Photonics K.K.
Si photodiode evaluation circuit
C9052 series
Cat. No. KACC1083E03
Nov. 2002 DN
2
Power supply circuit for driving C9052-01/-02/-03 and output processing circuit assembled together.
Circuit configuration
Feature
Connectable product
Power supply circuit
Supplies constant voltage to each head board.
C9052-01/-02: ±12 V, C9052-03: +12 V
C9052-01/-02/-03
Sample-and-hold circuit *
Samples and holds the output signal of head board in synchronization with
input light.
C9052-01/-02
Peak hold circuit *
Holds peak values of head board output signal.
C9052-01/-02
Integration reset circuit
Reset pulse generator circuit for integration circuit output.
Operates in synchronization with input light and sample-and-hold circuit. C9052-02
Imbalance indication circuit Monitor circuit for light balance detection circuit. Indicator LED lights up
when difference between two photodiodes exceeds a specified level.
C9052-02
Frequency counter circuit
Counts the number of output pulses from a frequency conversion circuit
and turns on the indicator LED in a lighting cycle according to light level. C9052-03
* The sample-and-hold circuit and peak hold circuit can be selected to replace the jumpsocket.
I Dimensional outlines (unit: mm)
I Circuit connection
C9052-01
or
C9052-02
or
C9052-03
C9052-04
· OSCILLOSCOPE
· VOLTMETER
· A/D CONVERTER
, etc.
NOTE) Photodiode is sold separately.
A9053
KACCC0183EA
43
a
50
(4 ×) 3.2
PHOTODIODE *
COMPONENT
MOUNTED SIDE
* Photodiode and connector for A9053
are sold separately.
CONNECTOR
FOR A9053
*
-01
(20)
-02
(12)
-03
Mark
a
75
85
(4 ×) 3.2
CONNECTOR
FOR A9053
COMPONENT
MOUNTED SIDE
(20)
KACCA0119EA
KACCA0120EA
I Accessory
Dedicated AC adapter (C9052-04 only)
C9052-04
C9052-04
C9052-01/-02/-03



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com