Electronic Components Datasheet Search
  English  ▼

X  

C9068 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C9068
Description  PSD signal processing circuit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C9068 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C9068 Datasheet HTML 1Page - Hamamatsu Corporation C9068 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Applications
MODULE
PSD signal processing circuit
Digital output for connection with PC
C9068, C9069
PRELIMINARY DATA
Aug. 2002
C9068 (for one-dimensional PSD) and C9069 (for pin-cushion type two-dimensional PSD) are DC signal processing circuits specifically
designed for position measurement using PSD. Digital output allows direct connection with a personal computer through a serial (RS-232C)
interface. C9068 and C9069 are capable of detecting accurate positions of a spot light regardless of light intensity.
A D/A conversion signal is also output for monitoring, and when a voltmeter is connected to this D/A conversion output, the output voltage value
directly represents position data. (Output voltage represents the distance from the center of PSD. 1 V=1 mm)
l Digital output
l Serial (RS-232C) connection with PC
l D/A conversion signal output for monitoring
l Easy handling due to single +12 V supply operation
l No complicated adjustment required
l Displacement measurement using PSD
l Testing using PSD
l PSD performance evaluation
1
s Absolute maximum ratings
Parameter
Symbol
Value
Unit
Supply voltage
Vcc Max.
+18
V
Operating temperature *1
Topr
0 to +40
°C
Storage temperature *1
Tstg
-10 to +60
°C
*1: No condensation
s Electrical and optical characteristics (Ta=25
°C, Vcc=+12 V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conversion impedance
Tz
-
1 × 105
-V/A
Feedback capacitance
Cf
-
100
-
pF
C9068
1 × 10-5
-9 × 10-5
A
Input signal current *2
C9069
IIN
1 × 10-5
-9 × 10-5
A
Signal conversion time *3
Tr
5
-
-
ms
Digital output format
-
C onform s to R S -232C (position signal, light level m onitor output) 12-bit
-
D/A conversion output amplitude
Vo
-10
-
+10
V
Supply voltage
Vcc
+9
+12
+18
V
Current consumption
Icc
-
200
-
mA
*2: Photocurrent Isc (total input signals) from PSD mounted on the C9068 or C9069 circuit board.
*3: Output response time versus spot light position change.
s
s
s
s Combination with PSD
The following PSDs can be used by soldering the PSD leads to the through-hole terminals on the circuit board.
NOTE) PSDs sold separately.
Compatible PSD
PSD
signal processing circuit
Type
Type No.
C9068
One-dimensional PSD
S3979 *4, S3931, S3932, S1352, S3270 *4
C9069
Pin-cushion type two-dimensional PSD S1880, S1881 *4, S2044, S5990-01 *5, S5991-01 *5
*4: These PSDs cannot be directly mounted on the circuit board. Connect to the through-hole terminals at the edge of the circuit
board by external wiring.
*5: An attachment board should be used.


Similar Part No. - C9068

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9068 HAMAMATSU-C9068 Datasheet
259Kb / 2P
Digital output for connection with PC
C9068 HAMAMATSU-C9068_07 Datasheet
259Kb / 2P
Digital output for connection with PC
C9068 HAMAMATSU-C9068_15 Datasheet
140Kb / 3P
PSD signal processing circuit
More results

Similar Description - C9068

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C3683-01 HAMAMATSU-C3683-01 Datasheet
124Kb / 2P
Signal processing circuit for 1-D PSD
C4674 HAMAMATSU-C4674 Datasheet
127Kb / 3P
Signal processing circuit for 2-D PSD
C5923 HAMAMATSU-C5923 Datasheet
125Kb / 2P
Signal processing circuit for 1-D PSD
logo
List of Unclassifed Man...
TBA890 ETC-TBA890 Datasheet
297Kb / 7P
TELEVISION SIGNAL PROCESSING CIRCUIT
logo
Hamamatsu Corporation
C10459_C10460_KACC1135E04 HAMAMATSU-C10459_C10460_KACC1135E04 Datasheet
657Kb / 3P
Signal processing unit for PSD module
logo
KODENSHI_AUK CORP.
ORA1S01 KODENSHI-ORA1S01 Datasheet
125Kb / 2P
Integrated LED drive circuit and PSD signal processing circuit
logo
Hamamatsu Corporation
C9068 HAMAMATSU-C9068_15 Datasheet
140Kb / 3P
PSD signal processing circuit
C4674-01 HAMAMATSU-C4674-01 Datasheet
633Kb / 5P
Signal processing circuit for 2-D PSD
C3683-02 HAMAMATSU-C3683-02 Datasheet
547Kb / 5P
Signal processing circuit for 1-D PSD
C10460 HAMAMATSU-C10460_15 Datasheet
360Kb / 4P
Signal processing unit for PSD module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com