Electronic Components Datasheet Search
  English  ▼

X  

G1961 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # G1961
Description  GaP photodiode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G1961 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  G1961 Datasheet HTML 1Page - Hamamatsu Corporation G1961 Datasheet HTML 2Page - Hamamatsu Corporation G1961 Datasheet HTML 3Page - Hamamatsu Corporation G1961 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
l Low dark current
l High UV sensitivity
Applications
l Analytical instruments
l UV detection
PHOTODIODE
GaP photodiode
Schottky type
G1961, G1962, G1963
s
General ratings / Absolute maximum ratings
Absolute maximum ratings
Active area
size
Effective
active
area
Reverse
voltage
VR Max.
Operating
temperature
Topr
Storage
temperature
Tstg
Type No.
Dimensional
outline/
Window
material
Package
(mm)
(mm2)
(V)
(°C)
(°C)
G1961
➀
/Q *
TO-18
1.1 × 1.1
1.0
G1962
➁
/Q
TO-5
2.3 × 2.3
5.2
G1963
➂
/Q
TO-8
4.6 × 4.6
21
5
-10 to +60
-20 to +70
s
Electrical and optical characteristics (Typ. Ta=25 °C, unless otherwise noted)
Photo sensitivity
S
(A/W)
Spectral
response
range
λ
Peak
sensitivity
wavelength
λp
Short circuit
current
Isc
lx
Dark
current
ID
Max.
Temp.
coefficient
of
ID
TCID
Rise time
tr
VR=0 V
RL=1 kΩ
Terminal
capacitance
Ct
VR=0 V
f=10 kHz
Shunt
resistance
Rsh
VR=10 mV
NEP
Type No.
(nm)
(nm)
λp
Hg
line
254 nm
400 nm
Min.
(µA)
Typ.
(µA)
V4=10 mV
(pA)
V4=1 V
(pA) (times/°C) (µs)
(pF)
Min.
(GΩ)
Typ.
(GΩ) (W/Hz1/2)
G1961
0.04 0.05 2.5
25
5
400
4
40 5.4 × 10-15
G1962
0.23 0.3
5
50
10
1500
2
20 7.6 × 10-15
G1963
190 to 550 440
0.12
0.03
0.1
0.75 0.9
10
100
1.11
30
5000
1
1
1.1 × 10-14
* Window material Q: quartz glass


Similar Part No. - G1961

ManufacturerPart #DatasheetDescription
logo
EPCOS
G1961M EPCOS-G1961M Datasheet
90Kb / 6P
SAW Components
More results

Similar Description - G1961

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-S5131 BRIGHT-BL-S5131 Datasheet
148Kb / 3P
GaP/GaP GaP/GaP Low power consumption.
logo
OSA Opto Light GmbH
161210 OSA-161210 Datasheet
53Kb / 1P
GaP / GaP LED Chips
163230 OSA-163230 Datasheet
54Kb / 1P
GaP / GaP LED Chips
logo
BRIGHT LED ELECTRONICS ...
BL-B2134-AV BRIGHT-BL-B2134-AV Datasheet
144Kb / 3P
Chip material: GaP/GaP
BL-B2139 BRIGHT-BL-B2139 Datasheet
137Kb / 2P
Chip material: Gap/GaP
BL-B2141-FP6.5-TBF25C BRIGHT-BL-B2141-FP6.5-TBF25C Datasheet
164Kb / 3P
Chip material: gap/gap
BL-B2141-TBS18C BRIGHT-BL-B2141-TBS18C Datasheet
152Kb / 3P
Chip material: GaP/GaP
BL-B5141-FA8.5-TBF26C BRIGHT-BL-B5141-FA8.5-TBF26C Datasheet
165Kb / 3P
Chip material: gap/gap
BL-B5141-TBS18C BRIGHT-BL-B5141-TBS18C Datasheet
152Kb / 3P
Chip material: GaP/GaP
BL-B5234N BRIGHT-BL-B5234N Datasheet
139Kb / 2P
Chip material: GaP/GaP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com