Electronic Components Datasheet Search
  English  ▼

X  

G1963 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # G1963
Description  GaP photodiode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G1963 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  G1963 Datasheet HTML 1Page - Hamamatsu Corporation G1963 Datasheet HTML 2Page - Hamamatsu Corporation G1963 Datasheet HTML 3Page - Hamamatsu Corporation G1963 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaP photodiode
G1961, G1962, G1963
LOAD RESISTANCE (
Ω)
(Typ. Ta=25 ˚C, VR=0 V)
10
3
10
4
10
2
100
ns
1
µs
10
ms
1
ms
100
µs
10
µs
10
5
10
6
G1963
G1962
G1961
REVERSE VOLTAGE (V)
(Typ. Ta=25 ˚C)
0.01
0.1
0.001
100
fA
1
pA
1
nA
100
pA
10
pA
110
G1963
G1962
G1961
0
0.05
0.1
0.15
0.2
190
400
600
WAVELENGTH (nm)
(Typ. Ta=25 ˚C)
800
-0.5
0
+0.5
+1.0
+1.5
190
400
600
WAVELENGTH (nm)
(Typ.)
800
s
s
s
s
s
Spectral response
KGPDB0014EA
s
s
s
s
s
Photo sensitivity temperature characteristic
KGPDB0017EB
s
s
s
s
s
Rise time vs. load resistance
KGPDB0015EA
s
s
s
s
s
Dark current vs. reverse voltage
KGPDB0016EA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com