Electronic Components Datasheet Search
  English  ▼

X  

WD1001 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WD1001
Description  Digital 85W Soldering Station, 120 V
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WD1001 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WD1001 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Weller
Digital 85W Soldering Station, 120 V
Product Details
Catalog No.
WD1001
UPC Code
037103208095
Wattage
85 W
Soldering
Pencil(s)
WMP
Temperature
Range
150° F to 850° F
Voltage
Input/Output
120 V/24 V
Supplied Tip(s)
NT1
Iron Stand
WDH20
Temperature
Accuracy
+/- 9° F to +/- 5° C
Packaging
Industrial
Box/Carton
Literature
550517.pdf
Low Res. Image
WD1001_100.JPG
High Res. Image
WD1001_300.JPG
Stock Item
Normal Stock Item
Product Features:
WMP micro pencil offers 65 watts of power with short tip-to-grip (37mm)
The heating element is contained in the pencil rather than the tip
High output pencil allows you to work with lead-free solder
3 "radio buttons" allows pre-set of frequently used temp settings
Setback, lockout, temp window, F / C switching, standby, auto-off time
Large high contrast LCD display displays more information at a glance
Iron stand has adjustable tilt angle in 4 positions ranging from 30-80 degrees
ESD safe to protect sensitive components


Similar Part No. - WD1001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WD1001 ETC1-WD1001 Datasheet
1Mb / 11P
Big-screen simplicity
More results

Similar Description - WD1001

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SC05017 DELTA-V48SC05017 Datasheet
706Kb / 15P
85W DC/DC Power Modules
logo
List of Unclassifed Man...
SPG40 ETC2-SPG40 Datasheet
68Kb / 1P
Weller Replacement Soldering Iron, 40 watts, for WLC100 Soldering Station
logo
Delta Electronics, Inc.
V48SC05017 DELTA-V48SC05017_14 Datasheet
630Kb / 16P
85W DC/DC Power Modules
logo
List of Unclassifed Man...
WX2021 ETC2-WX2021 Datasheet
46Kb / 1P
Weller High Powered Digital Soldering Station, 200W, 120 V W/WXMP WXMT
logo
DB Lectro Inc
85W-1A DBLECTRO-85W-1A Datasheet
4Mb / 2P
85W 100Amp Series
logo
List of Unclassifed Man...
PES51 ETC2-PES51 Datasheet
95Kb / 1P
50 watt Soldering Pencil for WES51 Soldering Station
D00669 ETC2-D00669 Datasheet
28Kb / 2P
Temperature Controlled Soldering Station
logo
Total Power Internation...
TPLSU85 TOTAL-POWER-TPLSU85 Datasheet
160Kb / 2P
85W LED Power Supply
logo
Advantech Co., Ltd.
DSS-4270PFA ADVANTECH-DSS-4270PFA Datasheet
1Mb / 4P
42 All-in-One Digital Signage Station
logo
List of Unclassifed Man...
WESD51 ETC1-WESD51 Datasheet
114Kb / 1P
Digital Soldering Station; Power Unit, Soldering Pencil, Stand, Sponge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com