Electronic Components Datasheet Search
  English  ▼

X  

G7150 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # G7150
Description  InGaAs PIN photodiode array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G7150 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  G7150 Datasheet HTML 1Page - Hamamatsu Corporation G7150 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
InGaAs PIN photodiode array
G7150/G7151-16
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2003 Hamamatsu Photonics K.K.
WAVELENGTH (µm)
2.0
0.5
0
(Typ. Ta=25 ˚C)
0.8
1.0
1.2
1.4
1.6
1.8
1
0.6
WAVELENGTH (µm)
(Typ. Ta=25
˚C)
1.0
1.2
1.4
1.6
1.8
0.8
0
1
-1
2
10 G
Ω
-40
-20
0
40
60
80
100
AMBIENT TEMPERATURE (˚C)
1 G
Ω
10 M
Ω
1 M
Ω
100 M
Ω
100 G
Ω
(Typ. VR=10 mV)
20
G7150-16
G7151-16
0.5 ± 0.1
0.6 ± 0.3
ACTIVE AREA
(16 ×) 0.08 × 0.2
22.9 ± 0.3
2.45 ± 0.15
0.46
0.8 ± 0.3
PIN No.
DETECTOR
1
3
5
7
9
PIN No.
DETECTOR
KC
11
13
15
16
PIN No.
DETECTOR
14
12
KC
10
8
PIN No.
DETECTOR
6
4
2
WINDOW
PHOTOSENSITIVE
SURFACE
INDEX MARK
1
10
100
1000
10000
0.01
0.1
1
10
(Typ. Ta=25 ˚C)
G7150-16
G7151-16
REVERSE VOLTAGE (V)
REVERSE VOLTAGE
1
10
1000
100
0.01
0.1
1
10
(Typ. Ta=25 ˚C, f=1 MHz)
G7150-16
G7151-16
Cat. No. KIRD1043E04
May 2003 DN
s Spectral response
KIRDB0002EB
s Photo sensitivity temperature
characteristic
KIRDB0042EA
s Dark current vs. reverse voltage
s Terminal capacitance vs.
reverse voltage
s Shunt resistance vs. ambient
temperature
KMIRB0013EA
s Dimensional outlines (unit: mm)
KIRDA0144EB
KIRDA0030ED
KIRDB0254EA
KIRDB0255EB
G7150-16
G7151-16
PIN No.
DETECTOR
1
3
5
7
9
PIN No.
DETECTOR
KC
11
13
15
16
PIN No.
DETECTOR
14
12
KC
10
8
PIN No.
DETECTOR
6
4
2
0.5 ± 0.1
0.6 ± 0.3
WINDOW
ACTIVE AREA
(16 ×) 0.45 × 1
22.9 ± 0.3
2.45 ± 0.15
0.46
1.0 ± 0.2
PHOTOSENSITIVE
SURFACE
INDEX MARK
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com