Electronic Components Datasheet Search
  English  ▼

X  

P4631 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # P4631
Description  Infrared detector module with preamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

P4631 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  P4631 Datasheet HTML 1Page - Hamamatsu Corporation P4631 Datasheet HTML 2Page - Hamamatsu Corporation P4631 Datasheet HTML 3Page - Hamamatsu Corporation P4631 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Infrared detector module with preamp
Thermoelectrically cooled type
s Spectral response
WAVELENGTH (µm)
16
(Typ.)
10
4
10
7
10
11
10
13
10
5
10
9
10
8
10
12
10
6
10
10
2345
7
12
8
9
10
11
G6126
P4638
P4639
G6122-03
P4631-01
P4631-03
P4631-10
P4631-04
P4631
G6122
KIRDB0188EB
s
s
s
s
s Dimensional outlines (unit: mm)
27.2
75.2
2
(4 ×) M3 DEPTH 5
(MOUNTING THREADED HOLE)
BNC CONNECTOR
(SIGNAL OUTPUT)
6-PIN CONNECTOR
(VOLTAGE INPUT)
0.7 ± 0.4
75.2
3.3 ± 0.2
PHOTOSENSITIVE
SURFACE
40
26
(4 ×)
3.2 DEPTH 14.5 + M3 DEPTH 5
(MOUNTING THREADED HOLE)
ACTIVE AREA
G6122/-03, G6126, P4638, P4639, P4631/-01
KIRDA0009EE
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com