Electronic Components Datasheet Search
  English  ▼

X  

G8341 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # G8341
Description  InGaAs PIN photodiode with preamp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G8341 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  G8341 Datasheet HTML 1Page - Hamamatsu Corporation G8341 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
InGaAs PIN photodiode with preamp
G8338/G8341/G7871/G8795 series
0.45
LEAD
4.65 ± 0.1
5.4 ± 0.2
2.54 ± 0.25
1.5 LENS
Vout -
Vcc
Vout +
Vee (CASE)
Vout -
Vcc
Vout +
Vee (CASE)
0.45
LEAD
4.7 ± 0.15
5.4 ± 0.2
2.54 ± 0.25
PHOTOSENSITIVE
SURFACE
WINDOW
3.0 ± 0.1
The borosilicate glass window may
extend a maximum of 0.1 mm beyond
the upper surface of the cap.
Vout +
Vcc
Vout -
Vee (CASE)
0.45
LEAD
4.7 ± 0.15
5.4 ± 0.2
2.54 ± 0.25
PHOTOSENSITIVE
SURFACE
WINDOW
3.0 ± 0.1
The borosilicate glass window may
extend a maximum of 0.1 mm beyond
the upper surface of the cap.
s Dimensional outlines (unit: mm)
KIRDA0104EA
➀ G8338, G8341, G8795
KIRDA0098EA
➁ G8338-02, G8341-02, G8795-02
0.45
LEAD
4.65 ± 0.1
5.4 ± 0.2
2.54 ± 0.25
1.5 LENS
Vout +
Vcc
Vout -
Vee (CASE)
KIRDA0105EA
➂ G7871
KIRDA0067EA
➃ G7871-02
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2001 Hamamatsu Photonics K.K.
Cat. No. KIRD1031E02
Dec. 2001 DN
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com