Electronic Components Datasheet Search
  English  ▼

X  

H4083 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # H4083
Description  Charge amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H4083 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  H4083 Datasheet HTML 1Page - Hamamatsu Corporation H4083 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2001 Hamamatsu Photonics K.K.
Charge amplifier
H4083
Cat. No. KACC1053E01
Apr. 2001 DN
COMPONENT SIDE
(8 ×) 2.54
0.5
0.25
4 MAX.
SOLDER SIDE
(7)
THROUGH-HOLE
FOR PHOTODIODE
The left end pin is designated No. 1 when viewed from the component side with the pins facing downwards.
q Using pin No. 2
Use pin No. 2 when changing the feedback constant which is typically 50 M
Ω/2 pF. Connect feedback resistance and capaci-
tance between pin No. 2 and No. 9. Note that this connection is made parallel to the internal feedback resistance and capaci-
tance.
q Changing the feedback resistance and capacitance
If you want to change the feedback constant without making
parallel connections, directly replace the resistor (Rf) and ca-
pacitor (Cf) shown at the right, which serve as feedback resis-
tance and capacitance.
Replacement components shoud be 2012 size.
q Using through-holes A and B
When H4083 is not covered with protective coating, a photo-
diode (such as S3590 series) can be directly soldered on the
board. In this case, insert the photodiode leads into the through-
holes from the solder side.
123456789
Cf
Rf
s Component side diagram
KACCC0136EA
s Dimensional outline (unit: mm)
KACCA0017EB
s
Pin connection
Pin No.
Symbol
Content
➀
IN
Input terminal
➁
GAIN
Feedback constant adjustment terminal
➂
GND *
Input ground terminal
➃
CAL
Last pulse input terminal
➄
GND *
Power and output ground terminal
➅
-12 V
Power terminal
➆
+12 V
Power terminal
➇
GND *
Output ground terminal
➈
OUT
Output terminal
Through-hole A
P
Anode connection terminal
Through-hole B
N
Cathode connection terminal
* GND is internally connected.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com