Electronic Components Datasheet Search
  English  ▼

X  

H7155 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # H7155
Description  Photon Counting Head
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H7155 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  H7155 Datasheet HTML 1Page - Hamamatsu Corporation H7155 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
39
Characteristics (Count sensitivity, Dark count)
Block Diagram
Dimensional Outlines (Unit: mm)
TPHOB0040EC
TPHOB0047EA
TPHOC0035ED
TPHOA0017ED
WAVELENGTH (nm)
200
300
400
103
104
105
106
600
700
800
900
500
H7155
105
104
103
102
101
100
5
10152025303540
TEMPERATURE (
°C)
H7155
Option
(Optical Fiber Adapter) (Unit: mm)
TACCA0055EA
4-M2
FC-R
14.0
± 0.2
8.5
3.5
± 0.2
SIDE VIEW
FRONT VIEW
22.0
± 0.5
E5776-51 (SMA Type)
4-M2
SMA
14.0
± 0.2
10.7
5.0
3.0
SIDE VIEW
FRONT VIEW
22.0
± 0.5
TACCA0239EA
E5776 (FC Type)
Photon Counting Heads
PMT
COMPARATOR
PULSE
SHAPER
+
-
HV POWER SUPPLY
VOLTAGE DIVIDER
CIRCUIT
LLD.
RL
50
Ω
OUTPUT
TO
PULSE
COUNTER
+5 V
GND
AMP
POSITIVE
LOGIC
POWER INPUT
50.0
± 0.5
30.0
± 0.2
0.5
10
22.0
± 0.5
14.0
± .0.2
4
EFFECTIVE AREA
( 8 MIN.)
4-M2 DEPTH: 4
4-M3 DEPTH: 4
SIGNAL OUTPUT
BNC-R CONNECTOR
POWER INPUT CONNECTOR
HIROSE HR10A-7R-4P
450
± 20
POWER INPUT CONNECTOR
HIROSE HR10A-7P-4S
Vcc (+5 V)
GND
SHIELD
WINDOW
POWER CABLE (SUPPLIED)
PHOTOCATHODE
FRONT VIEW
SIDE VIEW
REAR VIEW
1: Vcc +5 V
2: GND
3: IC*
4: IC*
*IC: Internal Connection
(Do not use)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com