Electronic Components Datasheet Search
  English  ▼

X  

1102 Datasheet(PDF) 1 Page - XFMRS Inc.

Part # 1102
Description  PCMCIA MODEM TRANSFORMERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

1102 Datasheet(HTML) 1 Page - XFMRS Inc.

  1102 Datasheet HTML 1Page - XFMRS Inc. 1102 Datasheet HTML 2Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
±0.25
25 Typ
300-3.5KHz
±0.25
25 Typ
300-3.5KHz
±0.20
30 Typ
300-4.0KHz
±0.25
30 Typ
300-3.5KHz
±0.15
25 Typ
300-3.5KHz
PCMCIA MODEM TRANSFORMERS
• SMALL SIZE, LOW PROFILE
• COST EFFECTIVE
• CUSTOM DESIGNS AVAILABLE - NO EXTRA CHARGE
ELECTRICAL SPECIFICATIONS @ 25° C
Package/
Schematic
Isolation
Voltage
VAC
Part
Number
Turns
Ratio
Pri.
DCR
ohms
XF16-8274
XF-8392
XF-6030
XFEX08-8412
XF08-8410
1:1
1:1
1:1
1:1
1:1
Line
IMP
ohms
600
600
600
600
600
Return
Loss
dB
I Loss
dB
Freq.
Resp.
dB
Sec
DCR
ohms
Load
IMP
ohms
294
294
301
290
301
160
± 10%
156
± 10%
145
± 10%
145
± 10%
140
± 10%
3.55
Max
3.40
Max
3.60
Max
3.6
Max
3.55
Max
1250
1250
1250
1000
1250
A / A
B / B
C / C
D / D
D / E
SCHEMATICS: SEE NEXT PAGE
DIMENSIONS: SEE NEXT PAGE
145
± 10%
145
± 10%
165
± 10%
170
± 10%
170
± 10%


Similar Part No. - 1102

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1102 ALPHAWIRE-1102 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
1102 ALPHAWIRE-1102 Datasheet
97Kb / 4P
Customer Specification
11/30/2022
logo
Infinite Electronics In...
1102 L-COM-1102 Datasheet
105Kb / 1P
Specifications
logo
Sealevel Systems, Inc.
1102 SEALEVEL-1102 Datasheet
717Kb / 2P
RS-232 to RS-422, RS-485 Serial Interface Converter
logo
Antex (Electronics) Lim...
1102 ANTEX-1102 Datasheet
194Kb / 1P
POWER SUPPLY UNITS BENCH STAND SOLDERING BITS
More results

Similar Description - 1102

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2786A BEL-2786A Datasheet
40Kb / 2P
MODEM MAGNETICS PCMCIA V.90 Transformers
2796A BEL-2796A Datasheet
42Kb / 2P
MODEM MAGNETICS PCMCIA V.34 Modem Transformers
logo
Rhombus Industries Inc.
T-33001 RHOMBUS-IND-T-33001 Datasheet
31Kb / 1P
PCMCIA Modem Transformers
T-787 RHOMBUS-IND-T-787 Datasheet
25Kb / 1P
PCMCIA Modem Transformer
7/23/96
T-1044 RHOMBUS-IND-T-1044 Datasheet
25Kb / 1P
PCMCIA Modem Transformer
7/23/96
T-33000M RHOMBUS-IND-T-33000M Datasheet
20Kb / 1P
PCMCIA Modem Transformer
11/3/00
logo
XFMRS Inc.
XF-16P-117 XFMRS-XF-16P-117 Datasheet
51Kb / 1P
STANDARD MODEM TRANSFORMERS
1027 XFMRS-1027 Datasheet
51Kb / 1P
STANDARD MODEM TRANSFORMERS
1027 XFMRS-1027_15 Datasheet
51Kb / 1P
STANDARD MODEM TRANSFORMERS
1102 XFMRS-1102_15 Datasheet
98Kb / 2P
PCMCIA MODEM TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com