Electronic Components Datasheet Search
  English  ▼

X  

H7467 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # H7467
Description  Photon Counting Head
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H7467 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  H7467 Datasheet HTML 1Page - Hamamatsu Corporation H7467 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
51
Characteristic (Count sensitivity)
Block Diagram
Dimensional Outlines (Unit: mm)
Connection Diagram
TPHOB0048EA
TPHOC0038EC
TPHOA0019EE
AMP
LLD.
+5 V
GND
PC
20 bit
Counter
90 MHz
16-bit
CPU
16 MHz
20 bit
Latch
4 kbyte
RAM
128 kbyte
ROM
I/O
RS-232C
9600 baud
RS-232C
WAVELENGTH (nm)
200
300
400
103
104
105
106
600
700
800
900
500
H7467
Option
(Optical Fiber Adapter) (Unit: mm)
TACCA0055EA
4-M2
FC-R
14.0
± 0.2
8.5
3.5
± 0.2
SIDE VIEW
FRONT VIEW
22.0
± 0.5
E5776-51 (SMA Type)
4-M2
SMA
14.0
± 0.2
10.7
5.0
3.0
SIDE VIEW
FRONT VIEW
22.0
± 0.5
TACCA0239EA
E5776 (FC Type)
PMT
COMPARATOR
PULSE
SHAPER
HV POWER SUPPLY
VOLTAGE DIVIDER
CIRCUIT
PC
SERIAL PORT
RS-232C CROSS CABLE
POWER CABLE
H7467
SUPPLY
VOLTAGE
GND +5 V
TPHOC0045EB
35.0
± 0.5
35.0
± 0.2
0.5
14.0
± 0.2
11
60.0
± 0.5
450
± 20
4-PIN PLUG HIROSE HR10A-7P-4S
+5 V
GND
1500
POWER CABLE (SUPPLIED)
RS-232C CROSS CABLE (SUPPLIED)
SIDE VIEW
FRONT VIEW
REAR VIEW
EFFECTIVE AREA
( 8 MIN.)
4-M2 DEPTH: 4
WINDOW
4-M3 DEPTH: 4
PHOTOCATHODE
RS-232C
9PIN D-sub
POWER INPUT CONNECTOR
HIROSE HR10A-7R-4P
1: Vcc +5V
2: GND
3: IC*
4: IC*
*IC: Internal Connection
(Do not use)
Photon Counting Head with CPU+Interface



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com